Electronic Components Datasheet Search
  English  ▼

X  

PCF2113DU Datasheet(PDF) 69 Page - NXP Semiconductors

Part # PCF2113DU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button PCF2113DU Datasheet HTML 65Page - NXP Semiconductors PCF2113DU Datasheet HTML 66Page - NXP Semiconductors PCF2113DU Datasheet HTML 67Page - NXP Semiconductors PCF2113DU Datasheet HTML 68Page - NXP Semiconductors PCF2113DU Datasheet HTML 69Page - NXP Semiconductors PCF2113DU Datasheet HTML 70Page - NXP Semiconductors PCF2113DU Datasheet HTML 71Page - NXP Semiconductors PCF2113DU Datasheet HTML 72Page - NXP Semiconductors PCF2113DU Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
69 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
The acknowledgement after each byte is made only by the addressed PCA2117. After the
last display byte, the I2C-bus master issues a STOP condition (P). Alternatively a
repeated START may be issued to RESTART an I2C-bus access.
If a register readout is made, the R/W bit must be logic 1 and then the next data byte
following is provided by the PCA2117 as shown in Table 44.
Table 44.
Example: Reading from RAM by I2C-bus
Bits labeled as - are ignored.
Commands and signals
Values
1. Straight forward example
1.1 Select RAM bank and set address pointer
I2C-START
S
Slave address
0
1
1
1
0
1
SA0
R/W
0
Acknowledge from PCA2117
A
CO
0
RS[1:0]
0
0
-
-
-
-
-
Acknowledge from PCA2117
A
Command: Sel_mem_bank
0
0
0
1
0
SMB[2:0]
DDRAM
0
0
0
Acknowledge from PCA2117
A
Command: Set_mem_addr
1
ADD[6:0]
address 0h
0
0
0
0
0
0
0
Acknowledge from PCA2117
A
1.2 Select read RAM data
I2C-RESTART
Sr
Slave address
0
1
1
1
0
1
SA0
R/W
0
Acknowledge from PCA2117
A
CO
0
RS[1:0]
0
1
-
-
-
-
-
Acknowledge from PCA2117
A
I2C-RESTART
Sr
Slave address
0
1
1
1
0
1
SA0
R/W
1
Acknowledge from PCA2117
A
Command: Read_data
reading 0 to n byte
Acknowledge from master after
each byte
A
I2C-STOP
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com