Electronic Components Datasheet Search
  English  ▼

X  

PCF2113DU Datasheet(PDF) 83 Page - NXP Semiconductors

Part # PCF2113DU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button PCF2113DU Datasheet HTML 79Page - NXP Semiconductors PCF2113DU Datasheet HTML 80Page - NXP Semiconductors PCF2113DU Datasheet HTML 81Page - NXP Semiconductors PCF2113DU Datasheet HTML 82Page - NXP Semiconductors PCF2113DU Datasheet HTML 83Page - NXP Semiconductors PCF2113DU Datasheet HTML 84Page - NXP Semiconductors PCF2113DU Datasheet HTML 85Page - NXP Semiconductors PCF2113DU Datasheet HTML 86Page - NXP Semiconductors PCF2113DU Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
83 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
External VLCD =8 V.
(1) Driving mode 1:18, ffr = 80 Hz; frame inversion; no-load; display enabled.
(2) Driving mode 1:18, ffr = 80 Hz; frame inversion; no-load; display disabled.
Fig 54. Typical IDD(LCD) with respect to temperature
Conditions: VDD2 = 5 V; charge pump at VLCD =2  VDD2; VLCD = 8 V; VLCDx[8:0] = 134h;
temperature compensation disabled.
Fig 55. Typical VLCD variation with respect to temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com