Electronic Components Datasheet Search
  English  ▼

X  

MD1813 Datasheet(PDF) 1 Page - Supertex, Inc

Part # MD1813
Description  High Speed Quad MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1813 Datasheet(HTML) 1 Page - Supertex, Inc

  MD1813 Datasheet HTML 1Page - Supertex, Inc MD1813 Datasheet HTML 2Page - Supertex, Inc MD1813 Datasheet HTML 3Page - Supertex, Inc MD1813 Datasheet HTML 4Page - Supertex, Inc MD1813 Datasheet HTML 5Page - Supertex, Inc MD1813 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
· 1235 Bordeaux Drive, Sunnyvale, CA 94089 · Tel: (408) 222-8888 · FAX: (408) 222-4895 · www.supertex.com
1
NR031706
MD1813
Initial Release
Features
6ns rise and fall time
2A peak output source/sink current
1.2V to 5V input CMOS compatible
±5V to ±12V supply voltage operation
Smart Logic threshold
Low jitter design
Quad matched channels
Drives two N and two P-channel MOSFETs
Outputs can swing below ground
Built-in level translator for negative gate bias
User-defined damping for return-to-zero applications
Non-inverting gate driver OUT
D for easy logic
Low inductance quad flat no-lead package
Thermally-enhanced package
Applications
Ultrasound PN code transmitter
Medical ultrasound imaging
Piezoelectric transducer drivers
Nondestructive evaluation
High speed level translator
High voltage bipolar pulser
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex MD1813 is a high-speed quad MOSFET driver. It is
designed to drive two N and two P-channel, high voltage, DMOS FETs for
medical ultrasound applications, but may be used in any application that
needs a high output current for a capacitive load. The input stage of the
MD1813 is a high-speed level translator that is able to operate from logic
input signals of 1.2 to 5.0 volt amplitude. An adaptive threshold circuit is
used to set the level translator threshold to the average of the input logic
0 and logic 1 levels. The level translator uses a proprietary circuit, which
provides DC coupling together with high-speed operation.
The output stage of the MD1813 has separate power connections,
enabling the output signal L and H levels to be chosen independently
from the driver supply voltages. As an example, the input logic levels may
be 0V and 1.8V, the control logic may be powered by +5V and –5V, and
the output L and H levels may be varied anywhere over the range of –5V
to +5V. The output stage is capable of peak currents of up to ±2 amps,
depending on the supply voltages used and load capacitance. The OE
pin serves a dual purpose. First, its logic H level is used to compute the
threshold voltage level for the channel input level translators. Secondly,
when OE is low, the outputs are disabled, with the A output high and the
B output low. This assists in properly pre-charging the coupling capacitors
that may be used in series in the gate drive circuit of an external PMOS
and NMOS. A built-in level shifter is for PMOS gate negative bias driving.
It enables the user-defined damping control to generate return-to-zero
bipolar output pulses. The MD1813 has a non-inverting driver OUT
D for
easy logic.
Typical Application Circuit
High Speed Quad MOSFET Driver
3.3V CMOS
Logic Inputs
10nF
10nF
10nF
+100V
1F
OUTA
OUTB
-100V
1F
OUTC
OUTD
+10V
0.22 F
V
DD
V
H
+10V
0.47 F
V
SS
V
L
V
NEG
GND
OE
-10V
0.47 F
LT
2K
OUTG
Supertex
MD1813
Supertex
TC2320
Supertex
TC6320
INA
INB
INC
IND
ENAB
PULSE
DAMP
To Piezoelectric
Transducer
16
15
1
5
6
3
7
2
4
8
9
10
12
13
11
14


Similar Part No. - MD1813

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1810 SUTEX-MD1810 Datasheet
523Kb / 7P
HIGH SPEED QUAD MOSFET DRIVER
MD1810 SUTEX-MD1810 Datasheet
744Kb / 8P
High Speed Quad MOSFET Driver
logo
MIX-DESIGN Semiconducto...
MD1810 MIX-DESIGN-MD1810 Datasheet
1Mb / 9P
High performance primary side regulator (PSR) offline switch power supply (SMPS) controller
1-jul-2013 Rev.02
logo
Supertex, Inc
MD1810K6-G SUTEX-MD1810K6-G Datasheet
523Kb / 7P
HIGH SPEED QUAD MOSFET DRIVER
MD1810K6-G SUTEX-MD1810K6-G Datasheet
744Kb / 8P
High Speed Quad MOSFET Driver
More results

Similar Description - MD1813

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS31C NSC-DS26LS31C Datasheet
226Kb / 8P
Quad High Speed Differential Line Driver
logo
Supertex, Inc
MD1810 SUTEX-MD1810 Datasheet
523Kb / 7P
HIGH SPEED QUAD MOSFET DRIVER
MD1811 SUTEX-MD1811 Datasheet
459Kb / 6P
HIGH SPEED QUAD MOSFET DRIVER
logo
National Semiconductor ...
MNDS26LS31M-X NSC-MNDS26LS31M-X Datasheet
163Kb / 9P
QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
logo
Supertex, Inc
MD1812 SUTEX-MD1812 Datasheet
224Kb / 6P
High Speed Quad MOSFET Driver
logo
Advanced Power Technolo...
DRF100 ADPOW-DRF100 Datasheet
2Mb / 12P
High Speed MOSFET Driver
logo
Supertex, Inc
MD1810 SUTEX-MD1810_07 Datasheet
744Kb / 8P
High Speed Quad MOSFET Driver
MD1811 SUTEX-MD1811_07 Datasheet
637Kb / 7P
High Speed Quad MOSFET Driver
logo
Texas Instruments
DS26LS31MQML TI1-DS26LS31MQML Datasheet
647Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
logo
Renesas Technology Corp
ISL78365 RENESAS-ISL78365 Datasheet
306Kb / 5P
Automotive High-Speed Quad Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com