Electronic Components Datasheet Search
  English  ▼

X  

MD1813 Datasheet(PDF) 6 Page - Supertex, Inc

Part # MD1813
Description  High Speed Quad MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1813 Datasheet(HTML) 6 Page - Supertex, Inc

  MD1813 Datasheet HTML 1Page - Supertex, Inc MD1813 Datasheet HTML 2Page - Supertex, Inc MD1813 Datasheet HTML 3Page - Supertex, Inc MD1813 Datasheet HTML 4Page - Supertex, Inc MD1813 Datasheet HTML 5Page - Supertex, Inc MD1813 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 222-8888 / FAX: (408) 222-4895
www.supertex.com
©2006 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell its products for use in such applications, unless it receives an adequate
"product liability indemnification insurance agreement". Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of the devices
determined defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest
product specifications, refer to the Supertex website: http//www.supertex.com.
6
Doc.# DSFP - MD1813
NR031706
MD1813
-C-
SIDE VIEW
PLANE
ccc C
0.08 C
NX
SEATING
D
D/2
INDEX AREA
aaa C
TOP VIEW
2x
4
(D/2 xE/2)
-B-
e
NXb
D2/2
D2
1
bbb
C A B
dddC
-B-
N
N-1
BTM VIEW
(D/2 xE/2)
INDEX AREA
4
SEE
DETAIL B
e
Terminal Tip
5
Datum A or B
4
l1
e/2
1
N
N-1
&
m
r
o
F
f
o
e
c
n
a
r
e
l
o
T
n
o
i
t
i
s
o
P
a
a
a5
1
.
0
b
b
b0
1
.
0
c
c
c0
1
.
0
d
d
d5
0
.
0
e
u
s
s
IA
s
n
o
i
s
n
e
m
i
D
D
I
m
o
t
t
o
B
A
AB
BC
CD
D
4
4
3
.4
4
3
.1
8
1
.1
8
1
.
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5m - 1994.
2. All dimensions are in millimeters, all angles are in degrees (O).
3. The terminal #1 identifier and terminal numbering convention shall conform to JEDEC publication 95, SPP-002. Details of terminal #1 identifier are
optional, but must be located within the zone indicated. The terminal #1identifier may be either a mold or marked feature.
4. Depending on the method of lead termination at the edge of the package, pull back (L1) may be present. L minus L1 to be equal to or greater than
0.33mm.
5. Dimension B applies to metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. If the terminal has the optional radius
on the other end of the terminal, the dimension B should not be measured in that radius area.
l
o
b
m
y
Ss
n
o
i
s
n
e
m
i
D
t
h
g
i
e
H
n
i
Mm
o
Nx
a
M
C
S
B
D0
.
4
C
S
B
E0
.
4
e5
6
.
0
2
D0
.
25
1
.
25
2
.
2
2
E0
.
25
1
.
25
2
.
2
b5
2
.
00
3
.
05
3
.
0
l5
4
.
05
5
.
05
6
.
0
A0
8
.
00
9
.
00
.
1
1
A0
0
.
02
0
.
05
0
.
0
3
A-
-
-f
e
r
0
2
.
0-
-
-
1
L3
0
.
0-
-
-5
1
.
0
e
u
s
s
IA
Chamfer/Radius
4
16-Lead QFN Package Outline (K6)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com