Electronic Components Datasheet Search
  English  ▼

X  

SR03 Datasheet(PDF) 7 Page - Supertex, Inc

Part # SR03
Description  Inductorless, Dual Output Off-Line Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR03 Datasheet(HTML) 7 Page - Supertex, Inc

Back Button SR03 Datasheet HTML 3Page - Supertex, Inc SR03 Datasheet HTML 4Page - Supertex, Inc SR03 Datasheet HTML 5Page - Supertex, Inc SR03 Datasheet HTML 6Page - Supertex, Inc SR03 Datasheet HTML 7Page - Supertex, Inc SR03 Datasheet HTML 8Page - Supertex, Inc SR03 Datasheet HTML 9Page - Supertex, Inc SR03 Datasheet HTML 10Page - Supertex, Inc SR03 Datasheet HTML 11Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
SR036/SR037
B092005
Hot
Neutral
208VAC/60Hz (230VAC/50Hz not available). Limits per CISPR 14-1 for household appliances. 25mA total load.
SR03 Circuit using GN2470 (no EMI Suppressor)
120VAC/60Hz Limits per 47CFR15.107 for Class B devices. 50mA total load.
Hot
Neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com