Electronic Components Datasheet Search
  English  ▼

X  

SR03 Datasheet(PDF) 13 Page - Supertex, Inc

Part # SR03
Description  Inductorless, Dual Output Off-Line Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR03 Datasheet(HTML) 13 Page - Supertex, Inc

Back Button SR03 Datasheet HTML 9Page - Supertex, Inc SR03 Datasheet HTML 10Page - Supertex, Inc SR03 Datasheet HTML 11Page - Supertex, Inc SR03 Datasheet HTML 12Page - Supertex, Inc SR03 Datasheet HTML 13Page - Supertex, Inc SR03 Datasheet HTML 14Page - Supertex, Inc SR03 Datasheet HTML 15Page - Supertex, Inc SR03 Datasheet HTML 16Page - Supertex, Inc SR03 Datasheet HTML 17Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
SR036/SR037
B092005
DOC #: DSFP-SR036SR037
B092005
8-Lead MSOP (with heat slug) Package Outline (SG)
Dimensions in Inches
(Dimensions in Millimeters)
Measurement Legend =
0.1935 +/- 0.0035
(4.915 +/- 0.085)
0.1 +/- 0.01
(2.54 +/- 0.25)
0.0165 +/- 0.0035
(0.42 +/- 0.09)
0.14 +/- 0.01
(3.555 +/- 0.255)
0.1535
+/- 0.0035
(3.9)
(+/- 0.09)
0.236
+/- .008
(5.995)
(+/- 0.205)
0.05 +/- 0.01
(1.27 +/- 0.25)
0.0575 +/- 0.0065
(1.46 +/- 0.16)
0.055 +/- 0.005
(1.395 +/- 0.125)
0.0015 +/- .0025
(0.065 +/- 0.035)
0.033 +/- 0.017
(0.84 +/- 0.43)
0.0085 +/- 0.0015
(0.215 +/- 0.035)
Heat Slug
8-Lead MSOP Package Outline (MG)
3.0
° ± 3°
12
°± 4°
B
0.013
± 0.005
(0.330
± 0.127)
D
0.116
± 0.004
(2.946
± 0.102)
E
0.118
± 0.004
(3.000
± 0.102)
H
0.193
± 0.006
(4.902
± 0.152)
A1
0.004
± 0.002
(0.102
± 0.051)
A
0.040
± 0.003
(1.016
± 0.076)
BSC
0.0256
(0.650)
e
0.0215
± 0.006
(0.546
± 0.152)
L
0.006
± 0.0003
(0.152
± 0.0076)
C
Full Circle,
or Half Circle,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com