Electronic Components Datasheet Search
  English  ▼

X  

SR03 Datasheet(PDF) 5 Page - Supertex, Inc

Part # SR03
Description  Inductorless, Dual Output Off-Line Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR03 Datasheet(HTML) 5 Page - Supertex, Inc

  SR03 Datasheet HTML 1Page - Supertex, Inc SR03 Datasheet HTML 2Page - Supertex, Inc SR03 Datasheet HTML 3Page - Supertex, Inc SR03 Datasheet HTML 4Page - Supertex, Inc SR03 Datasheet HTML 5Page - Supertex, Inc SR03 Datasheet HTML 6Page - Supertex, Inc SR03 Datasheet HTML 7Page - Supertex, Inc SR03 Datasheet HTML 8Page - Supertex, Inc SR03 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
SR036/SR037
B092005
RG
180kΩ
CG
220pF
GN2470
GATE
VIN
SOURCE
VREG
120/230VAC
50/60Hz
GND
EMI
Suppressor
SR03x
VUNREG
VREG
220μF (VN2460)
470μF (GN2470)
CREG
1.0μF
P6KE
400CA
1.0μF
Using a MOSFET in place of an IGBT
Efficiency and EMI Test Circuit
20
30
40
50
0.00.1 0.20.3 0.40.5 0.6 0.7 0.8 0.9 1.01.1 1.21.3 1.41.5 1.6
P
UNREG
VN2460, no EMI
VN2460, w/EMI
GN2470, no EMI
GN2470, w/EMI
SR03 Efficiency
(W)
SRO3 Efficiency
SR036
or SR037
1.0
µF
SR036: VOUT=3.3V Regulated
SR037: VOUT=5.0V Regulated
~18V Unregulated
120VAC
or
230VAC
VOUT
VSOURCE
HVIN
VN2460
270
µF
1.0
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com