Electronic Components Datasheet Search
  English  ▼

X  

LM6211 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6211
Description  Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6211 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6211 Datasheet HTML 1Page - National Semiconductor (TI) LM6211 Datasheet HTML 2Page - National Semiconductor (TI) LM6211 Datasheet HTML 3Page - National Semiconductor (TI) LM6211 Datasheet HTML 4Page - National Semiconductor (TI) LM6211 Datasheet HTML 5Page - National Semiconductor (TI) LM6211 Datasheet HTML 6Page - National Semiconductor (TI) LM6211 Datasheet HTML 7Page - National Semiconductor (TI) LM6211 Datasheet HTML 8Page - National Semiconductor (TI) LM6211 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM6211
Low Noise, RRO Operational Amplifier with CMOS Input
and 24V Operation
General Description
The LM6211 is a wide bandwidth, low noise op amp with a
wide supply voltage range and a low input bias current. The
LM6211 operates with a single supply voltage of 5V to 24V,
is unity gain stable, has a ground-sensing CMOS input
stage, and offers rail-to-rail output swing.
The LM6211 is designed to provide optimal performance in
high voltage, low noise systems. The LM6211 has a unity
gain bandwidth of 20 MHz and an input referred voltage
noise density of 5.5 nV/
at 10 kHz. The LM6211
achieves these specifications with a low supply current of
only 1 mA. The LM6211 has a low input bias current of
2.3 pA, an output short circuit current of 25 mA and a slew
rate of 5.6 V/us. The LM6211 also features a low common-
mode input capacitance of 5.5 pF which makes it ideal for
use in wide bandwidth and high gain circuits. The LM6211 is
well suited for low noise applications that require an op amp
with very low input bias currents and a large output voltage
swing, like active loop-filters for wide-band PLLs. A low total
harmonic distortion, 0.01% at 1 kHz with loads as high as
600
Ω, also makes the LM6211 ideal for high fidelity audio
and microphone amplifiers.
The LM6211 is available in the small SOT package, allowing
the user to implement ultra-small and cost effective board
layouts.
Features
(Typical 24V supply unless otherwise noted)
n
Supply voltage range
5V to 24V
n
Input referred voltage noise
5.5 nV/
n
Unity gain bandwidth
20 MHz
n
1/f corner frequency
400 Hz
n
Slew rate
5.6 V/µs
n
Supply current
1.05 mA
n
Low input capacitance
5.5 pF
n
Temperature range
-40˚C to 125˚C
n
Total harmonic distortion
0.01% @ 1 kHz, 600
Ω
n
Output short circuit current
25 mA
Applications
n
PLL loop filters
n
Low noise active filters
n
Strain gauge amplifiers
n
Low noise microphone amplifiers
Typical Application
20120303
20120304
May 2006
© 2006 National Semiconductor Corporation
DS201203
www.national.com


Similar Part No. - LM6211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6211 TI1-LM6211 Datasheet
995Kb / 29P
LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
LM6211 TI2-LM6211 Datasheet
653Kb / 30P
LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
REVISED MARCH 2013
LM6211 MDC TI2-LM6211 MDC Datasheet
653Kb / 30P
LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
REVISED MARCH 2013
LM6211-MDC.A TI2-LM6211-MDC.A Datasheet
653Kb / 30P
LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
REVISED MARCH 2013
LM6211-MIL TI1-LM6211-MIL Datasheet
995Kb / 29P
LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
More results

Similar Description - LM6211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV716 NSC-LMV716 Datasheet
949Kb / 15P
5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
Texas Instruments
SM73303 TI1-SM73303 Datasheet
460Kb / 18P
5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
Low Noise, CMOS Input Operational Amplifier with Shutdown
LMV716 TI-LMV716_15 Datasheet
1Mb / 24P
LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
Low Offset, Low Noise, RRO Operational Amplifier
LM6211 TI1-LM6211 Datasheet
995Kb / 29P
LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
LMV716 TI1-LMV716 Datasheet
1Mb / 25P
LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com