Electronic Components Datasheet Search
  English  ▼

X  

LM6211 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6211
Description  Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6211 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM6211 Datasheet HTML 11Page - National Semiconductor (TI) LM6211 Datasheet HTML 12Page - National Semiconductor (TI) LM6211 Datasheet HTML 13Page - National Semiconductor (TI) LM6211 Datasheet HTML 14Page - National Semiconductor (TI) LM6211 Datasheet HTML 15Page - National Semiconductor (TI) LM6211 Datasheet HTML 16Page - National Semiconductor (TI) LM6211 Datasheet HTML 17Page - National Semiconductor (TI) LM6211 Datasheet HTML 18Page - National Semiconductor (TI) LM6211 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Typical Applications (Continued)
The following parameters are used to design a transimped-
ance amplifier: the amplifier gain-bandwidth product, A
0; the
amplifier input capacitance, C
CM; the photodiode capaci-
tance, C
D; the transimpedance gain required, RF; and the
amplifier output swing. Once a feasible R
F is selected using
the amplifier output swing, these numbers can be used to
design an amplifier with the desired transimpedance gain
and a maximally flat frequency response. The input
common-mode capacitance with respect to V
CM
for the
LM6211 is give in Figure 14.
An essential component for obtaining a maximally flat re-
sponse is the feedback capacitor, C
F. The capacitance seen
at the input of the amplifier, C
IN, combined with the feedback
resistor, R
F, generates a phase lag which causes gain-
peaking and can destabilize the circuit. C
IN is usually just the
sum of C
D and CCM. The feedback capacitor CF creates a
pole, f
P in the noise gain of the circuit, which neutralizes the
zero in the noise gain, f
Z, created by the combination of RF
and C
IN. If properly positioned, the noise gain pole created
by C
F can ensure that the slope of the gain remains at
20 dB/decade till the unity gain frequency of the amplifier is
reached, thus ensuring stability. As shown in Figure 16,f
P is
positioned such that it coincides with the point where the
noise gain intersects the op amp’s open loop gain. In this
case, f
P is also the overall 3 dB frequency of the transim-
pedance amplifier. The value of C
F needed to make it so is
given by Equation (2). A larger value of C
F causes excessive
reduction of bandwidth, while a smaller value fails to prevent
gain peaking and maintain stability.
(2)
Calculating C
F from Equation (2) can sometimes return un-
reasonably small values (<1 pF), especially for high speed
applications. In these cases, it is often more practical to use
the circuit shown in Figure 15 in order to allow more reason-
able values. In this circuit, the capacitance C
F’ is (1+ RB/RA)
times the effective feedback capacitance, C
F. A larger ca-
pacitor can now be used in this circuit to obtain a smaller
effective capacitance.
For example, if a C
F of 0.5 pF is needed, while onlya5pF
capacitor is available, R
B and RA can be selected such that
R
B/RA
= 9. This would convert a C
F’
of 5 pF into a
C
F of 0.5 pF. This relationship holds as long as RA << RF
20120344
FIGURE 13. Photodiode Transimpedance Amplifier
20120354
FIGURE 14. Input Common-Mode Capacitance vs. V
CM
20120347
FIGURE 15. Modifying C
F
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com