Electronic Components Datasheet Search
  English  ▼

X  

LM6211MF Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6211MF
Description  Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6211MF Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM6211MF Datasheet HTML 3Page - National Semiconductor (TI) LM6211MF Datasheet HTML 4Page - National Semiconductor (TI) LM6211MF Datasheet HTML 5Page - National Semiconductor (TI) LM6211MF Datasheet HTML 6Page - National Semiconductor (TI) LM6211MF Datasheet HTML 7Page - National Semiconductor (TI) LM6211MF Datasheet HTML 8Page - National Semiconductor (TI) LM6211MF Datasheet HTML 9Page - National Semiconductor (TI) LM6211MF Datasheet HTML 10Page - National Semiconductor (TI) LM6211MF Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, VS = 24V, V
+ =V
S,
V− =0V,V
CM =VS/2. (Continued)
Positive Output Swing vs. Supply Voltage
Negative Output Swing vs. Supply Voltage
20120329
20120331
Sourcing Current vs. Output Voltage
Sinking Current vs. Output Voltage
20120328
20120327
Sourcing Current vs. Output Voltage
Sinking Current vs. Output Voltage
20120326
20120325
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com