Electronic Components Datasheet Search
  English  ▼

X  

LM6211MF Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6211MF
Description  Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6211MF Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM6211MF Datasheet HTML 11Page - National Semiconductor (TI) LM6211MF Datasheet HTML 12Page - National Semiconductor (TI) LM6211MF Datasheet HTML 13Page - National Semiconductor (TI) LM6211MF Datasheet HTML 14Page - National Semiconductor (TI) LM6211MF Datasheet HTML 15Page - National Semiconductor (TI) LM6211MF Datasheet HTML 16Page - National Semiconductor (TI) LM6211MF Datasheet HTML 17Page - National Semiconductor (TI) LM6211MF Datasheet HTML 18Page - National Semiconductor (TI) LM6211MF Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Typical Applications (Continued)
AUDIO PREAMPLIFIER
With low input referred voltage noise, low supply voltage and
low supply current, and low harmonic distortion, the LM6211
is ideal for audio applications. Its wide unity gain bandwidth
allows it to provide large gain over a wide frequency range
and it can be used to design a preamplifier to drive a load of
as low as 600
Ω with less than 0.001% distortion. Two am-
plifier circuits are shown in Figure 10 and Figure 11. Figure
10 is an inverting amplifier, with a 10 k
Ω feedback resistor,
R
2,anda1k
Ω input resistor, R
1, and hence provides a gain
of −10. Figure 11 is a non-inverting amplifier, using the same
values for R
1 and R2, and provides a gain of 11. In either of
these circuits, the coupling capacitor C
C1 decides the lower
frequency at which the circuit starts providing gain, while the
feedback capacitor C
F decides the frequency at which the
gain starts dropping off. Figure 12 shows the frequency
response of the circuit in Figure 10 with different values of
C
F.
TRANSIMPEDANCE AMPLIFIER
A transimpedance amplifier converts a small input current
into a voltage. This current is usually generated by a photo-
diode. The transimpedance gain, measured as the ratio of
the output voltage to the input current, is expected to be
large and wide-band. Since the circuit deals with currents in
the range of a few nA, low noise performance is essential.
The LM6211, being a CMOS input op amp, provides a wide
bandwidth and low noise performance while drawing very
low input bias current, and is hence ideal for transimpedance
applications.
A transimpedance amplifier is designed on the basis of the
current source driving the input. A photodiode is a very
common capacitive current source, which requires transim-
pedance gain for transforming its miniscule current into eas-
ily detectable voltages. The photodiode and amplifier’s gain
are selected with respect to the speed and accuracy re-
quired of the circuit. A faster circuit would require a photo-
diode with lesser capacitance and a faster amplifier. A more
sensitive circuit would require a sensitive photodiode and a
high gain. A typical transimpedance amplifier is shown in
Figure 13. The output voltage of the amplifier is given by the
equation V
OUT =−IINRF. Since the output swing of the am-
plifier is limited, R
F should be selected such that all possible
values of I
IN can be detected.
The LM6211 has a large gain-bandwidth product (20 MHz),
which enables high gains at wide bandwidths. A rail-to-rail
output swing at 24V supply allows detection and amplifica-
tion of a wide range of input currents. A CMOS input stage
with negligible input current noise and low input voltage
noise allows the LM6211 to provide high fidelity amplification
for wide bandwidths. These properties make the LM6211
ideal for systems requiring wide-band transimpedance am-
plification.
20120341
FIGURE 10. Inverting Audio Amplifier
20120342
FIGURE 11. Non-Inverting Audio Preamplifier
20120343
FIGURE 12. Frequency Response of the Non-Inverting
Preamplifier
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com