Electronic Components Datasheet Search
  English  ▼

X  

LM6211MF Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6211MF
Description  Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6211MF Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM6211MF Datasheet HTML 7Page - National Semiconductor (TI) LM6211MF Datasheet HTML 8Page - National Semiconductor (TI) LM6211MF Datasheet HTML 9Page - National Semiconductor (TI) LM6211MF Datasheet HTML 10Page - National Semiconductor (TI) LM6211MF Datasheet HTML 11Page - National Semiconductor (TI) LM6211MF Datasheet HTML 12Page - National Semiconductor (TI) LM6211MF Datasheet HTML 13Page - National Semiconductor (TI) LM6211MF Datasheet HTML 14Page - National Semiconductor (TI) LM6211MF Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Application Notes
ADVANTAGES OF THE LM6211
High Supply Voltage, Low Power Operation
The LM6211 has performance guaranteed at supply volt-
ages of 5V and 24V. The LM6211 is guaranteed to be
operational at all supply voltages between 5V and 24V. In
this large range of operation, the LM6211 draws a fairly
constant supply current of 1 mA, while providing a wide
bandwidth of 20 MHz. The wide operating range makes the
LM6211 a versatile choice for a variety of applications rang-
ing from portable instrumentation to industrial control sys-
tems.
Low Input Referred Noise
The LM6211 has very low flatband input referred voltage
noise, 5.5 nV/
. The 1/f corner frequency, also very low,
is about 400 Hz. The CMOS input stage allows for an
extremely low input current (2 pA) and a very low input
referred current noise (0.01 pA/
). This allows the
LM6211 to maintain signal fidelity and makes it ideal for
audio, wireless or sensor based applications.
Low Input Bias Current and High Input Impedance
The LM6211 has a CMOS input stage, which allows it to
have very high input impedance, very small input bias cur-
rents (2 pA) and extremely low input referred current noise
(0.01 pA/
). This level of performance is essential for op
amps used in sensor applications, which deal with extremely
low currents of the order of a few nanoamperes. In this case,
the op amp is being driven by a sensor, which typically has a
source impedance of tens of M
Ω. This makes it essential for
the op amp to have a much higher impedance.
Low Input Capacitance
The LM6211 has a comparatively small input capacitance for
a high voltage CMOS design. Low input capacitance is very
beneficial in terms of driving large feedback resistors, re-
quired for higher closed loop gain. Usually, high voltage
CMOS input stages have a large input capacitance, which
when used in a typical gain configuration, interacts with the
feedback resistance to create an extra pole. The extra pole
causes gain-peaking and can compromise the stability of the
op amp. The LM6211 can, however, be used with larger
resistors due to its smaller input capacitance, and hence
provide more gain without compromising stability. This also
makes the LM6211 ideal for wideband transimpedance am-
plifiers, which require a wide bandwidth, low input referred
noise and low input capacitance.
RRO, Ground Sensing and Current Limiting
The LM6211 has a rail-to-rail output stage, which provides
the maximum possible output dynamic range. This is espe-
cially important for applications requiring a large output
swing, like wideband PLL synthesizers which need an active
loop filter to drive a wide frequency range VCO. The input
common mode range includes the negative supply rail which
allows direct sensing at ground in a single supply operation.
The LM6211 also has a short circuit protection circuit which
limits the output current to about 25 mA sourcing and 38 mA
sinking, and allows the LM6211 to drive short circuit loads
indefinitely. However, while driving short circuit loads care
should be taken to prevent the inputs from seeing more than
±0.3V differential voltage, which is the absolute maximum
differential input voltage.
Small Size
The small footprint of the LM6211 package saves space on
printed circuit boards, and enables the design of smaller and
more compact electronic products. Long traces between the
signal source and the op amp make the signal path suscep-
tible to noise. By using a physically smaller package, the
LM6211 can be placed closer to the signal source, reducing
noise pickup and enhancing signal integrity
STABILITY OF OP AMP CIRCUITS
Stability and Capacitive Loading
The LM6211 is designed to be unity gain stable for moderate
capacitive loads, around 100 pF. That is, if connected in a
unity gain buffer configuration, the LM6211 will resist oscil-
lation unless the capacitive load is higher than about 100 pF.
For higher capacitive loads, the phase margin of the op amp
reduces significantly and it tends to oscillate. This is because
an op amp cannot be designed to be stable for high capaci-
tive loads without either sacrificing bandwidth or supplying
higher current. Hence, for driving higher capacitive loads,
the LM6211 needs to be externally compensated.
An op amp, ideally, has a dominant pole close to DC, which
causes its gain to decay at the rate of 20 dB/decade with
respect to frequency. If this rate of decay, also known as the
rate of closure (ROC), remains at 20 dB/decade at the unity
gain bandwidth of the op amp, the op amp is stable. If,
however, a large capacitance is added to the output of the op
amp, it combines with the output impedance of the op amp to
create another pole in its frequency response before its unity
gain frequency (Figure 1). This increases the ROC to
40 dB/decade and causes instability.
In such a case a number of techniques can be used to
restore stability to the circuit. The idea behind all these
schemes is to modify the frequency response such that it
can be restored to a ROC of 20 dB/decade, which ensures
stability.
20120337
FIGURE 1. Gain vs. Frequency for an Op Amp
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com