Electronic Components Datasheet Search
  English  ▼

X  

BGS8458 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGS8458
Description  WLAN LNA Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8458 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGS8458 Datasheet HTML 1Page - NXP Semiconductors BGS8458 Datasheet HTML 2Page - NXP Semiconductors BGS8458 Datasheet HTML 3Page - NXP Semiconductors BGS8458 Datasheet HTML 4Page - NXP Semiconductors BGS8458 Datasheet HTML 5Page - NXP Semiconductors BGS8458 Datasheet HTML 6Page - NXP Semiconductors BGS8458 Datasheet HTML 7Page - NXP Semiconductors BGS8458 Datasheet HTML 8Page - NXP Semiconductors BGS8458 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
BGS8458
WLAN LNA + Switch
BGS8458
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2 — 24 September 2019
4 / 13
9 Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Do not combine following conditions.
Symbol
Parameter
Conditions
Min Max
Unit
VCC
supply voltage
-0.3 6
V
ICC
supply current
worst case up to P1dB, VCC = 3.6 V
-
15
mA
VI(C0)
input voltage pin C0
see Figure 1
-0.3 4
V
VI(C1)
input voltage pin C1
see Figure 1
-0.3 4
V
high-gain receive mode
-
7
dBm
Pi(ANT)
input power pin ANT
bypass receive mode
-
19
dBm
Pi(TX)
input power pin TX
continuous wave; transmit mode
-
33
dBm
Tamb
ambient temperature
air temperature
-40
+85
°C
Tstg
storage temperature
-40
+140
°C
Human Body Model (HBM) according to
ANSI/ESDA/JEDEC standard JS-001
-
±2000 V
VESD
electrostatic discharge voltage
Charged Device Model (CDM) according to
JEDEC standard JESD22-C101
-
±500
V
10 Recommended operating conditions
Table 6. Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f
frequency
4900
-
5925
MHz
VCC
supply voltage
2.7
3.6
5.25
V
VIH
HIGH-level input voltage
[1] 1.62
-
3.6
V
VIL
LOW-level input voltage
0
-
+0.4
V
[1]
Input voltage VIH on that specific pin between 1.62 V and VCC1 - 0.2 V and 3.6 V maximum.
11 Thermal characteristics
Table 7. Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
250
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com