Electronic Components Datasheet Search
  English  ▼

X  

BGS8458 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGS8458
Description  WLAN LNA Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8458 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGS8458 Datasheet HTML 4Page - NXP Semiconductors BGS8458 Datasheet HTML 5Page - NXP Semiconductors BGS8458 Datasheet HTML 6Page - NXP Semiconductors BGS8458 Datasheet HTML 7Page - NXP Semiconductors BGS8458 Datasheet HTML 8Page - NXP Semiconductors BGS8458 Datasheet HTML 9Page - NXP Semiconductors BGS8458 Datasheet HTML 10Page - NXP Semiconductors BGS8458 Datasheet HTML 11Page - NXP Semiconductors BGS8458 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NXP Semiconductors
BGS8458
WLAN LNA + Switch
BGS8458
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2 — 24 September 2019
8 / 13
14 Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1234
sot1234_po
16-09-05
16-11-29
Unit
mm
max
nom
min
1.25
A
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HX2SON6: plastic, thermal enhanced super thin small outline package; no leads;
6 terminals; body 1.4 x 1.2 x 0.32 mm
SOT1234
A1
bp
0.22
D
D1
e
Lp
k
0.225
0.30
0.33 0.015
0.010
E
E1
0.65
0.210
v
0.1
y
0.05
y1
0.1
0.4
0.32
1.20 1.00
1.05
0.20
1.45
1.15
0.2
0.18
0.195
0.000
0.55
0.95 1.35
1.40 0.60
D
D1
E1
1
2
3
6
5
4
E
pin 1
index area
A
B
bp (6x)
(4x)
B
A
v
B
A
v
e
e
Lp (6x)
k (2x)
C
y
C
y1
X
detail X
A
A1
scale
0
2 mm
pin 1
index area
Figure 4.  Package outline SOT1234 (HX2SON6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com