Electronic Components Datasheet Search
  English  ▼

X  

BGS8458 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGS8458
Description  WLAN LNA Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8458 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGS8458 Datasheet HTML 3Page - NXP Semiconductors BGS8458 Datasheet HTML 4Page - NXP Semiconductors BGS8458 Datasheet HTML 5Page - NXP Semiconductors BGS8458 Datasheet HTML 6Page - NXP Semiconductors BGS8458 Datasheet HTML 7Page - NXP Semiconductors BGS8458 Datasheet HTML 8Page - NXP Semiconductors BGS8458 Datasheet HTML 9Page - NXP Semiconductors BGS8458 Datasheet HTML 10Page - NXP Semiconductors BGS8458 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
BGS8458
WLAN LNA + Switch
BGS8458
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2 — 24 September 2019
7 / 13
13 Application information
aaa-022555
ANT
TX
C0
C1
RX
5 GHz transmit
5 GHz receive
VCC
Cdec
100 pF
VCC
Figure 3.  Application information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com