Electronic Components Datasheet Search
  English  ▼

X  

M65824AFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M65824AFP
Description  CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65824AFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M65824AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
MITSUBISHI SOUND PROCESSOR ICs
M65824AFP
ELECTRIC
MITSUBISHI
/23
DESCRIPTION
The M65824AFP is a CMOS IC developed for compact disc players.
(suitable for CD-DA:Compact Disc-Digital Audio)
It has built-in memory,adjustment-free PLL and D/A converter with DSP function.
FEATURES
♦Adjustment free EFM-PLL circuit(Includes VCO)
♦±8 frames jitter margin
♦Digital CLV servo control
♦Attenuation(-12dB)
♦4 times over sampling IIR type digital filter
♦Digital de-emphasis function
♦D/A converter
♦A smaller package
♦Analog LPF
♦Digital audio interface
♦External D/A mode
RECOMMENDED OPERATING CONDITIONS
Supply voltage range(interface)·············································································DVDD=2.7 to 5.5V
Supply voltage range(internal logic s ys tem and analog)······················DSPS,AVDD=2.7 to 3.3V
Rated supply voltage(interface)························································································DVDD=5.0V
Rated supply voltage(internal logic s ys tem and analog)·································DSPS,AVDD=3.0V
Rated power dissipation···········································································································100mW
Specifications
SYSTEM BLOCK DIAGRAM
M65824AFP
M
Motor
Driver
Optical
Pick-up
RF-Amp
Pick-up
Servo
Auto
Adjustment
System Control Microprocessor
MCU I/F
CLV
Digital Servo
PLL CLK
OSC CLK
PLL
Slicer
EFM
De-modulator
Subcode
Interface
18kSRAM
ECC
C1:2error
C2:2error
Inter
polation
De-
EMP
4fs Digital
Filter
D/A
L
R
Display
1


Similar Part No. - M65824AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65824FP MITSUBISHI-M65824FP Datasheet
129Kb / 8P
SIGNAL PROCESSOR FOR CD PLAYER WITH BUILT-IN D/A
logo
Renesas Technology Corp
M65824FP RENESAS-M65824FP Datasheet
2Mb / 9P
SIGNAL PROCESSOR FOR CD PLAYER WITH BUILT-IN D/A
More results

Similar Description - M65824AFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com