Electronic Components Datasheet Search
  English  ▼

X  

M65824AFP Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M65824AFP
Description  CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65824AFP Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M65824AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
MITSUBISHI SOUND PROCESSOR ICs
M65824AFP
ELECTRIC
MITSUBISHI
/23
Description
Conditions under which the SBQS is placed in "L"
(a) When the CRC checked results is good.
(b) When both subcode sync signals S0 and S1 are detected in the
specified position
When both conditions (a) and (b) above are satisfied, the SBQS pin
outputs "L".
If SBQS does not turn to "L" then the subcode ready status indicates
"H" (=not ready).When the subcode ready status is "H",the
microcomputer can not read a valid subcode Q-channel data from
the M65824AFP.
The subcode-Q data is renewed at the same timing of the signal
"SBQS" s tatus is "L".
When the microcomputer send a subcode ready s tatus command,if
the s ignal "MLAB" is changed from "H" to "L" during the signal
"SBQS" s tatus is "L" then the M65824AFP will return the status
not ready. (status="H")
While the latch line "MLAB" is remained "L", the subcode-Q data
is not renewed.
The M65824AFP output a subcode-Q data with reversed each 1-byte.
(8)Subcode interface R-W
The subcode data(P,Q,R,S,T,U,V,W) can be read from the SBCO pin
by inputting clocks to the SCCK pin among the data converted from
14-bit EFM signal to 8-bit symbol.
When both subcode sync. patterns S0,S1 are detected in the
specified position as a sync. signal of this subcode, a sync.
signal is output from SCAND pin.
If 8 or more clocks are input to the SCCK, the SBCO is placed in "L".
13
10-2 DISCMOTORCONTROLPULSE(CLVMODE)
22.6757
µsec
22.6757
µsec
Min:0.2362
µsec
Max:15.117
µsec
Min:0.2362
µsec
Max:15.117
µsec
(DECELERATION)
Hi-Z
(ACCELERATION)
PWM
(BOTH SIDES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com