Electronic Components Datasheet Search
  English  ▼

X  

M65824AFP Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M65824AFP
Description  CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65824AFP Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M65824AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M65824AFP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
MITSUBISHI SOUND PROCESSOR ICs
M65824AFP
ELECTRIC
MITSUBISHI
/23
10-4. EFM - PLL circuit
(1) Data slicing / PLL
The M65824AFP has an analog front -end for incoming HF (EFM) signal. Using CMOS - Analog
technology , the front - end is comprised of an automatic slice level control circuit and EFM - PLL
ci rcuit with internal adjust - free VCO. Under figure shows a block - diagram of the analog front - end.
The HF signal is sliced by the HF comparator and a DC level is feed back from TLC to HF through some
the external CR. If HFD becomes "H" because of defect in disk, then TLC becomes off state and holds
the DC level. EFM -PLL is for extracting the EFM clock signal from the HF signal. The PLL circuit has a
phase / frequency comparator so the M65824AFP has a wide capture / lock range and there is no need
to adjust the VCO. LPF is the charge- pump output and same - time control voltage input to the VCO.
LPF becomes off state if HFD becomes "H".
IREF is the reference current input used to determine the current of charge pumps of TLC and LPF,
operating point of HF comparator , and VCO free running frequency.
If IREF is connected to a noisy power supply through a resistor , the VCO would be modulated and the
error - rate would increase. Therefore , power supply noise at IREF must be held to a minimum.
14
TLC
LPF
VCO
HF comparator
HFD
IREF
HF
signal
HF comparator
change-
pump
phase
Det.
change-
pump
change-
pump
1/2
VCO
Low freq
limiter
Timer
Freq.
Det
Async frame
counter
Sync protection
block
EFM
Data
EFM
Clock
to EFM
demodulator
Current
source
control
TLC
LPF
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com