Electronic Components Datasheet Search
  English  ▼

X  

BME Datasheet(PDF) 2 Page - CUI INC

Part # BME
Description  modular incremental encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

BME Datasheet(HTML) 2 Page - CUI INC

  BME Datasheet HTML 1Page - CUI INC BME Datasheet HTML 2Page - CUI INC BME Datasheet HTML 3Page - CUI INC BME Datasheet HTML 4Page - CUI INC BME Datasheet HTML 5Page - CUI INC BME Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
rev.
page
date
DESCRIPTION: modular incremental encoder
2 of 6
12/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: BME
A
B
Z
Tz
T
A
B
Z
X2
X1
OUT
OUT
OUT
OUT
OUT
OUT
Line driver output
Q
Q
AM26LS31
Q = A.B.Z
Q = A.B.Z
H
L
H
L
H
L
H
L
H
L
H
L
Voltage output
VCC
0V
Output
20
Ω
A
B
Z
X2
X1
Tz
T
OUTPUT WAVEFORM
A
B
Z
X4
X3
X2
X
Tz
T(TD)
•Square-ware accuracy:
X1 +X2 = 1/2T ± 1/12T
X3 +X4 = 1/2T ± 1/12T
•Pitch error of period:
±0.01T
•Pitch error of phase position:
≤ 1/18T
•Z phase:
Tz=1/4T (1T, 1/2T, 1/4T...)
•Period of pulses:
T=360° /N (N: output pulses)
•Signal accuracy:
Xn=1/4T ± 1/12T (n=1, 2, 3, 4)
A leads B clockwise when viewing the encoder shaft end.
The position of Z phase against A, B phase is not specified.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com