Electronic Components Datasheet Search
  English  ▼

X  

BME Datasheet(PDF) 5 Page - CUI INC

Part # BME
Description  modular incremental encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

BME Datasheet(HTML) 5 Page - CUI INC

  BME Datasheet HTML 1Page - CUI INC BME Datasheet HTML 2Page - CUI INC BME Datasheet HTML 3Page - CUI INC BME Datasheet HTML 4Page - CUI INC BME Datasheet HTML 5Page - CUI INC BME Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Black
0V
1
Cable Code
Cable Color
Line Driver Output
Cable Color
B
Black
1
0V
Red
SPECIFIED
TOLERANCE:
White
White
Vcc
4
4
±0.3mm UNLESS OTHERWISE
Fax: 503-612-2383
Z
-
-
-
-
7
-
Cable Code
A
8
Orange
Website: www.cui.com
RoHS
_
B
-
Grey
B
5
5
Z
-
Yellow
-
6
-
_
A
Red
Brown
A
3
3
A
Green
Green
Z
2
2
Vcc
Yellow
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
_
Voltage Output
REV:
ØD (bore size)
BME - THROUGH BORE
3mm
4mm
5mm
6mm
1:1
BME - MODULAR OPTICAL ENCODER
BY CUI INC.
TITLE:
MM [INCHES]
6.35mm
BME - THROUGH BORE
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
ZRJ
COPYRIGHT 2008
8mm
REV.
DESCRIPTION
DATE
A
NEW DRAWING
4/22/2008
SECTION A-A
13.5
11.1
0.047
1.2
13.8
0.531
0.543
0.437
3.2 0.126
shaft length
18
15.7 0.618
3.0
(2 PLCS)
0.118
30.0 1.181
2.0 0.079
(3 PLCS)
(8 PLCS)
D
0.591
15.0
R
500.0 19.685
3.0 0.118
5.0 0.197
A
A
19.05 0.750
0.823
20.9
26.0 1.024
(41.0
)
1.614



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com