Electronic Components Datasheet Search
  English  ▼

X  

BME Datasheet(PDF) 6 Page - CUI INC

Part # BME
Description  modular incremental encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

BME Datasheet(HTML) 6 Page - CUI INC

  BME Datasheet HTML 1Page - CUI INC BME Datasheet HTML 2Page - CUI INC BME Datasheet HTML 3Page - CUI INC BME Datasheet HTML 4Page - CUI INC BME Datasheet HTML 5Page - CUI INC BME Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
46.0 1.811
section AA
REV.
DESCRIPTION
DATE
A
NEW DRAWING
4/22/2008
SPECIFIED
±0.3mm UNLESS OTHERWISE
TOLERANCE:
Website: www.cui.com
A
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
APPROVED BY:
DRAWN BY:
PC FILE NAME:
UNITS:
PART NO.
1:1
SCALE:
ZRJ
BME - OPTIONAL WIDE BASE
BY CUI INC.
TITLE:
MM [INCHES]
BME - WIDE BASE
BME - WIDE BASE
COPYRIGHT 2008
REV:
2.0 0.079
3.0 0.118
(2 PLCS)
0.079
(3 PLCS)
2.0
0.108
(2 PLCS)
2.75
19.05 0.750
52.0 2.047
A
A
13.8 0.543
0.047
1.2
11.1 0.437



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com