Electronic Components Datasheet Search
  English  ▼

X  

CMD263P3 Datasheet(PDF) 8 Page - Qorvo, Inc

Part # CMD263P3
Description  5-11 GHz Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD263P3 Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button CMD263P3 Datasheet HTML 3Page - Qorvo, Inc CMD263P3 Datasheet HTML 4Page - Qorvo, Inc CMD263P3 Datasheet HTML 5Page - Qorvo, Inc CMD263P3 Datasheet HTML 6Page - Qorvo, Inc CMD263P3 Datasheet HTML 7Page - Qorvo, Inc CMD263P3 Datasheet HTML 8Page - Qorvo, Inc CMD263P3 Datasheet HTML 9Page - Qorvo, Inc CMD263P3 Datasheet HTML 10Page - Qorvo, Inc CMD263P3 Datasheet HTML 11Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CMD263P3
5-11 GHz Low Noise Amplifier
Data Sheet | November 4, 2021 | Subject to change without notice
8 of 11
www.qorvo.com
®
Pin Description
Pin Diagram
Functional Description
Pin
Function
Description
Schematic
1, 4 - 9, 12, 13, 15, 16
N/C
No connection required
These pins may be connected to RF / DC
ground
2
RF in
DC blocked and 50 ohm matched
3, 10, and die paddle
Ground
Connect to RF / DC ground
11
RF out
DC blocked and 50 ohm matched
14
Vdd
Power supply voltage
Decoupling and bypass caps required
RF in
RF in
RF out
GND
Vdd
Vgg
Vdd
Vgg
Vdd
1
2
3
4
For CMD146
RF in
LFT1
LFT2
RF out & Vdd
LFT3
LFT4
3 bit
4 dB
4 dB
45 deg
45 deg
Vgg
Vdd
Vgg
Vdd
Vdd
Vdd
Vdd (+)
Vgg (-)
RF in
RF out
Port B
Port A
Vctl
5
4 bit
Vctl
Vctl
RF
V
dd
out
RF
in
RF out
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com