Electronic Components Datasheet Search
  English  ▼

X  

CMD263P3 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # CMD263P3
Description  5-11 GHz Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD263P3 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button CMD263P3 Datasheet HTML 3Page - Qorvo, Inc CMD263P3 Datasheet HTML 4Page - Qorvo, Inc CMD263P3 Datasheet HTML 5Page - Qorvo, Inc CMD263P3 Datasheet HTML 6Page - Qorvo, Inc CMD263P3 Datasheet HTML 7Page - Qorvo, Inc CMD263P3 Datasheet HTML 8Page - Qorvo, Inc CMD263P3 Datasheet HTML 9Page - Qorvo, Inc CMD263P3 Datasheet HTML 10Page - Qorvo, Inc CMD263P3 Datasheet HTML 11Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CMD263P3
5-11 GHz Low Noise Amplifier
Data Sheet | November 4, 2021 | Subject to change without notice
10 of 11
www.qorvo.com
®
Applications Information
Evaluation Board
The circuit board shown has been developed for optimized assembly at Qorvo. A sufficient
number of via holes should be used to connect the top and bottom ground planes. As
surface mount processes vary, careful process development is recommended.
Bill of Material
Designator
Value
Description
J1, J2
SMA End Launch Connector
P1
6 Pin Header
C1
0.33
μF
Capacitor, Tantalum
C2
1000 pF
Capacitor, 0603
C3
100 pF
Capacitor, 0402
U1
CMD263P3 Low Noise Amplifier
PCB
CM1074A Evaluation PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com