Electronic Components Datasheet Search
  English  ▼

X  

CMD263P3 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD263P3
Description  5-11 GHz Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD263P3 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD263P3 Datasheet HTML 1Page - Qorvo, Inc CMD263P3 Datasheet HTML 2Page - Qorvo, Inc CMD263P3 Datasheet HTML 3Page - Qorvo, Inc CMD263P3 Datasheet HTML 4Page - Qorvo, Inc CMD263P3 Datasheet HTML 5Page - Qorvo, Inc CMD263P3 Datasheet HTML 6Page - Qorvo, Inc CMD263P3 Datasheet HTML 7Page - Qorvo, Inc CMD263P3 Datasheet HTML 8Page - Qorvo, Inc CMD263P3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CMD263P3
5-11 GHz Low Noise Amplifier
Data Sheet | November 4, 2021 | Subject to change without notice
2 of 11
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage, Vdd
5.0 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150°C
Power Dissipation, Pdiss
367 mW
Thermal Resistance, QJC
177° C/W
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 150°C
Exceeding any one or combination of the maximum ratings may cause
permanent damage to the device.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Vdd
2.0
3.6
4.5
V
Idd
32
mA
Electrical performance is measured at specific test conditions.
Electrical specifications are not guaranteed over all recommended
operating conditions.
Electrical Specifications (Vdd = 3.6 V, TA = 25o C)
)
)
)
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
5 - 8.5
8.5 - 11
GHz
Gain
19
22
26
19
22
26
dB
Noise Figure
1.6
2.4
1.3
1.7
dB
Input Return Loss
10
10
dB
Output Return Loss
13
12
dB
Output P1dB
11
11.5
dBm
Output IP3
21
21
dBm
Supply Current
22
32
42
22
32
42
mA
Gain Temperature Coefficient
0.013
0.013
dB/°C
Noise Figure Temperature Coefficient
0.008
0.008
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com