| Electronic Components Datasheet Search |
|
TC6374AF Datasheet(PDF) 39 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC6374AF Datasheet(HTML) 39 Page - Toshiba Semiconductor |
|
39 / 125 page ![]() TC6374AF Hardware Datasheet Rev. 1.22 02/2/15 TOTAL 125 PAGE NO. 39 7-5-3-6. Cylinder Low Register Address D7 D6 D5 D4 D3 D2 D1 D0 Cylinder Number Low byte (CHS Addressing) Logical Block Number bits A15~A08 (LBA Addressing) Initial Value 0 0 0 0 0 0 0 0 Read/Write R/W This register is used to write the lower bytes of start cylinder number used by the host in the CHS mode. At the end of ATA command, the host can read from this register the lower bytes of last cylinder number. If LBA mode is selected, the host specifies Logical Block Number bits A15 - A08. After ATA command completed, the host can read from this register the Logical Block Number. For detailed operation of this register, refer to the outline description of ATA commands as well as ATA/ATAPI-5 standard. 7-5-3-7. Cylinder High Register Address D7 D6 D5 D4 D3 D2 D1 D0 Cylinder Number High byte (CHS Addressing) Logical Block Number bits A23~A16 (LBA Addressing) Initial Value 0 0 0 0 0 0 0 0 Read/Write R/W This register is used to write the upper bytes of start cylinder number used by the host in the CHS mode. After ATA command is completed, the host can read from this register the upper bytes of last cylinder number. If LBA mode is selected, the host specifies Logical Block Number bits A23 - A16. If ATA command is completed, the host can read from this register the Logical Block Number. For detailed operations of this register, refer to the outline description of ATA commands as well as ATA/ATAPI-5 standard. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |