Electronic Components Datasheet Search
  English  ▼

X  

TC6374AF Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TC6374AF
Description  PC Card ATA to SD Memory Card, MultiMediaCard and SmartMedia-TM Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC6374AF Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TC6374AF Datasheet HTML 45Page - Toshiba Semiconductor TC6374AF Datasheet HTML 46Page - Toshiba Semiconductor TC6374AF Datasheet HTML 47Page - Toshiba Semiconductor TC6374AF Datasheet HTML 48Page - Toshiba Semiconductor TC6374AF Datasheet HTML 49Page - Toshiba Semiconductor TC6374AF Datasheet HTML 50Page - Toshiba Semiconductor TC6374AF Datasheet HTML 51Page - Toshiba Semiconductor TC6374AF Datasheet HTML 52Page - Toshiba Semiconductor TC6374AF Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 125 page
background image
TC6374AF Hardware Datasheet
Rev. 1.22
02/2/15
TOTAL 125
PAGE NO. 49
8-5. General description of ATA COMMAND
8-5-1. STANDARD ATA COMMAND
8-5-1-1. CHECK POWER MODE - 98h, E5h
This command is used to check the current power mode in TC6374AF. If, when this command is issued, the
oscillation module is operating, TC6374AF sets BSY and Sector Count Register to ”FFh”. Then, BSY is
cleared and generates an interrupt. If the oscillation modules is in the oscillation stop state or the oscillation
stop timer is set, TC6374AF sets BSY and sets Sector Count Register to”00h”. Then, it clears BSY and
generates an interrupt.
Inputs
Bit
7
6
5
4
3
2
1
0
Features
N/A
Sector Count
N/A
Sector Number
N/A
Cylinder Low
N/A
Cylinder High
N/A
Device/Head
(1)
N/A
(1)
DEV
N/A
Command
98h or E5h
Note: Command code ”98h” is defined in ATA/ATAPI-5 standard as “Retired”, though, to maintain the
compatibility with previous specifications, TC6374AF will still support it.
Normal Outputs
Bit
7
6
5
4
3
2
1
0
Error
N/A
Sector Count
Result Value(00h or FFh)
Sector Number
N/A
Cylinder Low
N/A
Cylinder High
N/A
Device/Head
(1)
N/A
(1)
DEV
N/A
Status
BSY(0)
DRDY(1)
DF(0)
DSC(1)
DRQ(0)
CORR(0)
IDX(0)
ERR(0)
Sector Count Register = ”00h”
(if oscillation module is in the oscillation stop mode or ioscillation stop timer is
set)
Sector Count Register = ”FFh”
(if oscillation module is under operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com