Electronic Components Datasheet Search
  English  ▼

X  

TC6374AF Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TC6374AF
Description  PC Card ATA to SD Memory Card, MultiMediaCard and SmartMedia-TM Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC6374AF Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TC6374AF Datasheet HTML 15Page - Toshiba Semiconductor TC6374AF Datasheet HTML 16Page - Toshiba Semiconductor TC6374AF Datasheet HTML 17Page - Toshiba Semiconductor TC6374AF Datasheet HTML 18Page - Toshiba Semiconductor TC6374AF Datasheet HTML 19Page - Toshiba Semiconductor TC6374AF Datasheet HTML 20Page - Toshiba Semiconductor TC6374AF Datasheet HTML 21Page - Toshiba Semiconductor TC6374AF Datasheet HTML 22Page - Toshiba Semiconductor TC6374AF Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 125 page
background image
TC6374AF Hardware Datasheet
Rev. 1.22
02/2/15
TOTAL 125
PAGE NO. 19
7-3. Host interface
TC6374AF supports as a host interface the PC Card (Memory, ATA) interface. In PC Card ATA interface, it
supports 4 types of I/O mode(Memory Mapped I/O, Independent I/O, Primary and Secondary). Furthermore,
PC Card interface has a memory space called attribute memory allowing the software to configure
TC6374AF(“*” indicated in the table shown later means “Don’t Care”.).
7-4. PC Card interface
7-4-1. Attribute Memory space
Attribute memory consists of CIS(Card Information Structure) with which a host recognizes the function type
connected with TC6374AF and FCR (Function Configuration Register) for configuration. Attribute memory
can be accessed of course in the memory interface state, and additionally, even after set to the I/O interface.
Access methods and addresses of register in the attribute memory are listed below.
7-4-1-1. Attribute Memory read operation
During the Attribute Memory Read Cycle, set #WE to inactive “1”, and #REG and #OE to active “0”. #CE2,
#CE1 and A0 are controlled at odd/even addresses, though Attribute Memory access is enabled only at even
address data.
Function Mode
#REG
#CE2
#CE1
A0
#OE
#WE
D15 - D8
D7 - D0
Standby Mode
*
1
1
*
*
*
Hi-Z
Hi-Z
0
1
0
0
0
1
Hi-Z
Even byte
Byte Access (8 Bits)
0
1
0
1
0
1
Hi-Z
Invalid
Word Access (16 Bits)
0
0
0
*
0
1
Invalid
Even byte
Odd Byte Only Access
0
0
1
*
0
1
Invalid
Hi-Z
7-4-1-2. Attribute Memory write operation
During Attribute Memory Write Cycle, set #OE to inactive “1”, and #REG and #WE to active “0”.
Function Mode
#REG
#CE2
#CE1
A0
#OE
#WE
D15 - D8
D7 - D0
Standby Mode
*
1
1
*
*
*
*
*
0
1
0
0
1
0
*
Even byte
Byte Access (8 Bits)
0
1
0
1
1
0
*
*
Word Access (16 Bits)
0
0
0
*
1
0
*
Even byte
Odd Byte Only Access
0
0
1
*
1
0
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com