Electronic Components Datasheet Search
  English  ▼

X  

GP522 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GP522
Description  GP522 Controller Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP522 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GP522 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 2Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 3Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 4Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 5Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 6Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 7Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
522 - 21 - 02
tPDATAPRG
tPRGRISE
VPRGM
GND
tPRGFALL
tWPR
Vbat
Fig. 1 Programmer Program Pulse Timing
R1 [CROSSOVER] = 69.5k
Ω ± 25%
DC referenced to VSS, AC = 0,0mVRMS.
P
A
T1
T
I
B2
T
I
B3
T
I
B4
T
I
B
C
I
R
T
E
M
O
I
T
A
R
)
%
(
E
U
L
A
V
C
I
R
T
E
M
O
I
T
A
R
E
C
N
A
R
E
L
O
T
)
%
±
(
L
A
N
I
M
O
N
E
U
L
A
V
P
A
T
S
T
I
N
U
00000
0
.
0
0
1A
/
N5
.
9
6k
Ω
10001
3
3
.
6
87
0
.
0
6k
Ω
20010
0
1
.
4
77
5
.
1
5k
Ω
30011
1
3
.
3
67
0
.
4
4k
Ω
40100
1
3
.
5
57
4
.
8
3k
Ω
50101
7
8
.
4
49
2
.
1
3k
Ω
60110
8
0
.
8
39
2
.
7
2k
Ω
70111
6
8
.
0
39
4
.
1
2k
Ω
81000
2
1
.
6
22
12
.
8
1k
Ω
91001
8
5
.
1
22
10
.
5
1k
Ω
0
1
1010
3
9
.
5
12
11
.
1
1k
Ω
1
1
1011
0
4
.
2
16
12
6
.
8k
Ω
2
1
1100
7
3
.
92
21
5
.
6k
Ω
3
1
1101
5
2
.
63
25
3
.
4k
Ω
4
1
1110
5
9
.
38
25
7
.
2k
Ω
5
1
1111
A
/
NA
/
NX
A
M
5
.
0k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com