Electronic Components Datasheet Search
  English  ▼

X  

GP522 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GP522
Description  GP522 Controller Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP522 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GP522 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 2Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 3Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 4Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 5Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 6Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 7Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
522 - 21 - 02
R5 [OUTPUT] = 100k
Ω ± 25%
DC referenced to VSS, AC = 0,0mVRMS.
R4 [LOW CUT] = 200k
Ω ± 25%
DC referenced to V
SS + 400mV, AC = 140, 140mVRMS.
P
A
T3
1
T
I
B4
1
T
I
B5
1
T
I
B6
1
T
I
B
C
I
R
T
E
M
O
I
T
A
R
)
%
(
E
U
L
A
V
C
I
R
T
E
M
O
I
T
A
R
E
C
N
A
R
E
L
O
T
)
%
±
(
L
A
N
I
M
O
N
P
A
T
E
U
L
A
V
S
T
I
N
U
00000
0
0
.
0
0
1A
/
N0
0
2k
Ω
10001
1
7
.
1
77
3
4
1k
Ω
20010
0
0
.
0
57
2
0
1k
Ω
30011
6
7
.
5
37
5
.
1
7k
Ω
40100
0
4
.
4
29
8
.
8
4k
Ω
50101
0
4
.
6
19
8
.
2
3k
Ω
60110
1
1
.
1
11
12
.
2
2k
Ω
70111
3
9
.
61
19
.
3
1k
Ω
81000
0
8
.
67
6
.
3
1k
Ω
91001
0
3
.
54
16
.
0
1k
Ω
0
1
1010
8
7
.
34
17
5
.
7k
Ω
1
1
1011
5
5
.
27
10
1
.
5k
Ω
2
1
1100
8
9
.
17
15
9
.
3k
Ω
3
1
1101
6
4
.
17
11
9
.
2k
Ω
4
1
1110
8
1
.
12
27
3
.
2k
Ω
5
1
1111
A
/
NA
/
NX
A
M
4
1
.
0k
Ω
P
A
T7
1
T
I
B8
1
T
I
B9
1
T
I
B0
2
T
I
B
C
I
R
T
E
M
O
I
T
A
R
)
%
(
E
U
L
A
V
C
I
R
T
E
M
O
I
T
A
R
E
C
N
A
R
E
L
O
T
)
%
±
(
L
A
N
I
M
O
N
P
A
T
E
U
L
A
V
S
T
I
N
U
00000
0
0
.
0
0
1A
/
N0
0
1k
Ω
10001
6
2
.
5
87
3
.
5
8k
Ω
20010
7
0
.
2
77
1
.
2
7k
Ω
30011
0
0
.
0
67
0
.
0
6k
Ω
40100
0
0
.
0
57
0
.
0
5k
Ω
50101
0
0
.
2
47
0
.
2
4k
Ω
60110
0
5
.
6
37
5
.
6
3k
Ω
70111
0
3
.
0
39
3
.
0
3k
Ω
81000
3
6
.
5
29
6
.
5
2k
Ω
91001
8
5
.
0
21
16
.
0
2k
Ω
0
1
1010
0
3
.
8
11
13
.
8
1k
Ω
1
1
1011
1
9
.
5
11
19
.
5
1k
Ω
2
1
1100
4
7
.
3
11
17
.
3
1k
Ω
3
1
1101
8
5
.
0
16
16
.
0
1k
Ω
4
1
1110
8
3
.
96
18
3
.
9k
Ω
5
1
1111
0
9
.
7A
/
N0
9
.
7k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com