Electronic Components Datasheet Search
  English  ▼

X  

GP522 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GP522
Description  GP522 Controller Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP522 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  GP522 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 2Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 3Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 4Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 5Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 6Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 7Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
522 - 21 - 02
DOCUMENT IDENTIFICATION:
PRELIMINARY DATA SHEET
The product is in a preproduction phase and specifications are subject
to change without notice.
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright April 1999 Gennum Corporation.
All rights reserved.
Printed in Canada.
REVISION NOTES:
Corrections to Pad Connection diagram and Electrical Characteristics
table.
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax +1 (905) 632-2814
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168-0081,
Japan
Tel. +81 (3) 3334-7700 Fax: +81 (3) 3247-8839
PAD LAYOUT
PAD NO.
X
Y
1
0 [0.0]
0 [0.0]
2
564 [22.2]
0 [0.0]
3
1123 [44.2]
0 [0.0]
4
1682 [66.2]
379 [14.9]
5
1682 [66.2]
633 [24.9]
6
1682 [66.2]
900 [35.4]
7
1682 [66.2]
1903 [74.9]
8
1682 [66.2]
2157 [84.9]
9
1682 [66.2]
2411 [94.9]
10
1682 [66.2]
2665 [104.9]
11
1682 [66.2]
3161 [124.4]
12
1682 [66.2]
3415 [134.4]
13
1682 [66.2]
3669 [144.4]
14
1682 [66.2]
3923 [154.4]
15
1123 [44.2]
3923 [154.4]
16
564 [22.2]
3923 [154.4]
17
0 [0.0]
3923 [154.4]
18
0 [0.0]
3536 [139.2]
19
0 [0.0]
1707 [67.2]
20
0 [0.0]
1276 [50.2]
21
0 [0.0]
3079 [121.2]
185 (7.28)
1
11
2
3
4
5
6
7
8
9
20
21
12 13 14
15
16
17
18
19
GP522
10
4293 MAX (169 MAX )
2057 MAX
(81 MAX)
185
(7.28)
Cell 0,0
SPECIFICATIONS
DIE THICKNESS
254
µm [10mils] MAX
MIN BOND PAD OPENING
BUMP SPEC DOCUMENT
Dimensions are in micrometers.
Dimensions shown in parenthesis are in mils
converted from micrometers,
and include minor rounding errors.
1 mil = 25.4
µm
CHIP DIMENSIONS
Attention: The GP522 Controller Chip is visually inspected at an AQL of 0.65%
based on MILSTD105E sampling plan, rather than being subjected to 100%
visual inspection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com