Electronic Components Datasheet Search
  English  ▼

X  

WSC Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # WSC
Description  WIRE WOUND SMD INDUCTOR 10uH짹20% / 1.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSC Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  WSC Datasheet HTML 1Page - AiT Semiconductor Inc. WSC Datasheet HTML 2Page - AiT Semiconductor Inc. WSC Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WSC252012-100M
WIRE WOUND SMD INDUCTOR
10uH±20% / 1.0A
● GENERAL CHARACTERISTICS
Lead - free heat endurance test
※The test should be made under the conditions according to the chart,
after the test it is kept for 2hours under the normal temperature and humidity.
Then, no mechanical and electrical defect should be found out.
※The reflow test can be done twice, but the interval should be more than one hour under
the normal conditions.
※The reflow test conditions are based on the testing instruments available in our company.
Lead-free the recommended reflow condition
※The reflow condition recommended above is according to the machine used by our company.
Big differences will arise as a result of the type of machine, reflow conditions, method, etc used.
Hence, before setting up your reflow conditions, please confirm with the above.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com