Electronic Components Datasheet Search
  English  ▼

X  

WSC Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # WSC
Description  WIRE WOUND SMD INDUCTOR 10uH짹20% / 1.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSC Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  WSC Datasheet HTML 1Page - AiT Semiconductor Inc. WSC Datasheet HTML 2Page - AiT Semiconductor Inc. WSC Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WSC252012-100M
WIRE WOUND SMD INDUCTOR
10uH±20% / 1.0A
● RELIABILITY TEST
1.
Operating temperature range:
-40 TO + 105°C (Includes temperature when the coil is heated)
2.
External appearance:
On visual inspection, the coil has no external defects.
3.
Terminal strength:
After soldering. Between copper plate and terminals of coil.
Push in two directions of X.Y withstanding at below conditions.
Terminal should not peel off. (refer to figure at right)
Applied force: 5N; Duration: 60sec.
4.
Insulating resistance:
Over 100MΩ at 100V D.C. between coil and core.
5.
Dielectric strength:
No dielectric breakdown at 100V D.C. for 1 minute between coil and core.
6.
Temperature characteristics:
Inductance coefficient (0~2,000)x10-6/°C (-25~+80°C degree Celsius)
Inductance deviation within±5%, after 96 hours
7.
Humidity characteristics (Moisture Resistance):
Inductance deviation within ±5%, after 96 hours in 90~95% relative humidity at 40 ±2°C and 1 hour
drying under normal condition.
8.
Vibration resistance:
Inductance deviation within ±5%, after vibration for 1 hour. In each of three orientations at sweep
vibration (10~55~10Hz) with 1.5mm P-P amplitudes.
9.
Shock resistance:
Inductance deviation within ±5%, after being dropped once with 981m/s2 (100G) shock attitude
upon a rubber block method shock testing machine, in three different orientations.
10.
Resistance to Soldering Heat:
260°C, 10 seconds. (See attached recommend reflow)
11.
Storage environment:
Storage condition:
Temperature Range: 0°C ~ 35°C; -40°C ~ 105°C (after PCB)
Humidity Range: 50% ~ 70% RH
Use components within 12 months. If 12 months or more have elapsed, check solderability before use.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com