Electronic Components Datasheet Search
  English  ▼

X  

WSC Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # WSC
Description  WIRE WOUND SMD INDUCTOR 10uH짹20% / 1.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSC Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  WSC Datasheet HTML 1Page - AiT Semiconductor Inc. WSC Datasheet HTML 2Page - AiT Semiconductor Inc. WSC Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WSC252012-100M
WIRE WOUND SMD INDUCTOR
10uH±20% / 1.0A
● DESCRIPTION
SMD,INDUCTOR,10uH±20%
● ELECTRICAL REQUIREMENTS
1. INDUCTANCE: 10uH±20%
2. DCR: 390mΩ±20%.
3. ACR: 1.9Ω±20%.
4. Isat Current: 1.00A (Drops 20% typ.)
5. Irms Current: 1.0A(ΔT=40°C typ.)
● TEST METHOD
1. TEST EQUIPMENT: CH3302 / CH1320
2. TEST FREQUENCY : 1MHz, 1V
● DIMENSION (UNIT:mm)


Similar Part No. - WSC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSC VISHAY-WSC Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC VISHAY-WSC Datasheet
110Kb / 4P
Wirewound Resistors, Precision Power, Surface Mount
24-May-2022
WSC0001 VISHAY-WSC0001 Datasheet
247Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
14-Feb-06
WSC0001 VISHAY-WSC0001 Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC000110R00BEA VISHAY-WSC000110R00BEA Datasheet
96Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
05-Nov-13
More results

Similar Description - WSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
744775330 ETC2-744775330 Datasheet
90Kb / 2P
WE-ASI SMD Wire Wound Inductor
logo
Wurth Elektronik GmbH &...
74458303 WURTH-74458303 Datasheet
1Mb / 5P
WE-ASI SMD Wire Wound Inductor
744775360 WURTH-744775360 Datasheet
783Kb / 5P
WE-ASI SMD Wire Wound Inductor
744776333 WURTH-744776333 Datasheet
806Kb / 5P
WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
WE-ASI SMD Wire Wound Inductor
logo
AiT Semiconductor Inc.
WSA AITSEMI-WSA Datasheet
286Kb / 4P
WIRE WOUND SMD INDUCTOR
WSF AITSEMI-WSF Datasheet
464Kb / 15P
WIRE WOUND SMD INDUCTOR
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
WSM AITSEMI-WSM Datasheet
272Kb / 3P
WIRE WOUND SMD INDUCTOR
WSS AITSEMI-WSS Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com