Electronic Components Datasheet Search
  English  ▼

X  

MMBFJ113 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBFJ113
Description  N-Channel Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBFJ113 Datasheet(HTML) 4 Page - ON Semiconductor

  MMBFJ113 Datasheet HTML 1Page - ON Semiconductor MMBFJ113 Datasheet HTML 2Page - ON Semiconductor MMBFJ113 Datasheet HTML 3Page - ON Semiconductor MMBFJ113 Datasheet HTML 4Page - ON Semiconductor MMBFJ113 Datasheet HTML 5Page - ON Semiconductor MMBFJ113 Datasheet HTML 6Page - ON Semiconductor MMBFJ113 Datasheet HTML 7Page - ON Semiconductor MMBFJ113 Datasheet HTML 8Page - ON Semiconductor MMBFJ113 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
J111, J112, J113, MMBFJ111, MMBFJ112, MMBFJ113
www.onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0
0.2
0.4
0.6
0.8
1
1
2
5
10
20
50
100
12
5
10
20
50
100
10
20
50
100
25°C
125°C
25°C
125°C
− 55°C
− 55°C
0.1
1
10
1
10
100
0.01
0.1
10
0.1
1
10
100
10 V
15 V
20 V
5.0 V
10 V
15 V
20 V
5.0 V
−20
−16
−12
−8
−4
0
1
10
100
0.01
1
10
100
1
5
10
50
100
VGS/VGS(off), NORMALIZED GATE−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (mA)
Figure 7. On Resistance vs. Drain Current
Figure 8. Normalized Drain Resistance vs.
Bias Voltage
Figure 9. Transconductance vs. Drain Current
Figure 10. Output Conductance vs. Drain Current
Figure 11. Capacitance vs. Voltage
Figure 12. Noise Voltage vs. Frequency
VGS(off)
TYP = −7.0 V
VGS(off) @ 5.0 V, 10 mA
rDS @ VGS(off) = 0
VGS(off)
TYP = −2.0 V
rDS +
rDS
1 *
VGS
VGS(off)
ID, DRAIN CURRENT (mA)
ID, DRAIN CURRENT (mA)
VGS, GATE−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (mA)
f, FREQUENCY (kHz)
10 V
15 V
20 V
TA = 25°C
VDG = 15 V
f = 1.0 kHz
VGS(off) = −1.4 V
VGS(off) = −3.0 V
VGS(off) = −5.0 V
VGS(off) = −0.85 V
VGS(off) = −2.0 V
VDG = 5.0 V
TA = 25°
f = 1.0 kHz
f = 0.1 − 1.0 MHz
Cis (VDS = 0)
Cis (VDS = 20)
Crs (VDS = 0)
VDG = 15 V
BW = 6.0 Hz @ f = 10 Hz,
100 Hz = 0.21 @ f ≥ 1.0 kHz
ID = 1.0 mA
ID = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com