Electronic Components Datasheet Search
  English  ▼

X  

MMBFJ113 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMBFJ113
Description  N-Channel Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBFJ113 Datasheet(HTML) 5 Page - ON Semiconductor

  MMBFJ113 Datasheet HTML 1Page - ON Semiconductor MMBFJ113 Datasheet HTML 2Page - ON Semiconductor MMBFJ113 Datasheet HTML 3Page - ON Semiconductor MMBFJ113 Datasheet HTML 4Page - ON Semiconductor MMBFJ113 Datasheet HTML 5Page - ON Semiconductor MMBFJ113 Datasheet HTML 6Page - ON Semiconductor MMBFJ113 Datasheet HTML 7Page - ON Semiconductor MMBFJ113 Datasheet HTML 8Page - ON Semiconductor MMBFJ113 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
J111, J112, J113, MMBFJ111, MMBFJ112, MMBFJ113
www.onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0.01
0.1
1
10
1
10
100
f = 10 Hz
f = 100 Hz
f = 1.0 kHz
f = 10 kHz
f = 100 kHz
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
TO−92
SOT−23
−10
−8
−6
−4
−2
0
0
5
10
15
20
25
td(ON)
2.5 mA
− 6.0 V
02
4
10
0
20
40
60
80
100
− 4.0V
− 7.5V
tr(ON)
VDG = 15 V
ID = 6.6 mA
VDG = 15 V
VDD = 3.0 V
tr APPROX. ID INDEPENDENT
VGS(off) = 3.0 V
TA = 25°C
TA = 25°C
VDD = 3.0 V
VGS = −12 V
td(off) DEVICE
VGS(off) INDEPENDENT
td(off)
t(off)
VGS(off) = −2.2 V
68
TEMPERATURE (°C)
ID, DRAIN CURRENT (mA)
VGS, GATE−SOURCE CUTOFF VOLTAGE (V)
ID, DRAIN CURRENT (mA)
Figure 13. Noise Voltage vs. Current
Figure 14. Power Dissipation vs.
Ambient Temperature
Figure 15. Switching Turn−On Time vs.
Gate−Source Voltage
Figure 16. Switching Turn−Off Time vs.
Drain Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com