Electronic Components Datasheet Search
  English  ▼

X  

MMBFJ113 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBFJ113
Description  N-Channel Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBFJ113 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBFJ113 Datasheet HTML 1Page - ON Semiconductor MMBFJ113 Datasheet HTML 2Page - ON Semiconductor MMBFJ113 Datasheet HTML 3Page - ON Semiconductor MMBFJ113 Datasheet HTML 4Page - ON Semiconductor MMBFJ113 Datasheet HTML 5Page - ON Semiconductor MMBFJ113 Datasheet HTML 6Page - ON Semiconductor MMBFJ113 Datasheet HTML 7Page - ON Semiconductor MMBFJ113 Datasheet HTML 8Page - ON Semiconductor MMBFJ113 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 1997
April, 2021 − Rev. 4
1
Publication Order Number:
MMBFJ113/D
N-Channel Switch
J111, J112, J113,
MMBFJ111, MMBFJ112,
MMBFJ113
Features
• This Device is Designed for Low Level Analog Switching, Sample
and Hold Circuits and Chopper Stabilized Amplifiers
• Sourced from Process 51
• Source & Drain are Interchangeable
• These are Pb−Free Devices
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
(Note 1, 2)
Symbol
Parameter
Value
Unit
VDG
Drain−Gate Voltage
35
V
VGS
Gate−Source Voltage
−35
V
IGF
Forward Gate Current
50
mA
TJ, TSTG Operating and Storage Junction
Temperature Range
−55 to 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady−state limits. ON Semiconductor should be consulted on
applications involving pulsed or low−duty−cycle operations.
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Max
Unit
J111 / J112 /
J113
(Note 3)
MMBFJ111 /
MMBFJ112 /
MMBFJ113
(Note 4)
PD
Total Device Dissipation
625
350
mW
Derate Above 25_C
5.0
2.8
mW/°C
RqJC
Thermal Resistance,
Junction−to−Case
125
−
°C/W
RqJA
Thermal Resistance,
Junction−to−Ambient
200
357
°C/W
3. PCB size: FR−4, 76 mm x 114 mm x 1.57 mm (3.0 inch x 4.5 inch x 0.062 inch)
with minimum land pattern size.
4. Device mounted on FR−4 PCB 36 mm x 18 mm x 1.5 mm; mounting pad for
the collector lead minimum 6 cm2.
www.onsemi.com
MARKING DIAGRAMS
See detailed ordering and shipping information on page 6 of
this data sheet.
ORDERING INFORMATION
TO−92 3 4.83x4.76 LEADFORMED
CASE 135AR
TO−92 3 4.825x4.76
CASE 135AN
SOT−23 (TO−236)
CASE 318−08
1
XXM
XXXX, XX = Specific Device Code
A
= Assembly Plant Code
Y
= Year
WW
= Work Week
M
= Date Code
SOT−23
CASE 318BM
AX
XXX
YWW
D
S
G
D
S
G
G
D
S
G
D
S


Similar Part No. - MMBFJ113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBFJ113 FAIRCHILD-MMBFJ113 Datasheet
101Kb / 5P
N-Channel Switch
MMBFJ113 FAIRCHILD-MMBFJ113 Datasheet
488Kb / 13P
N-Channel Switch
MMBFJ113 FAIRCHILD-MMBFJ113 Datasheet
157Kb / 6P
This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
More results

Similar Description - MMBFJ113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
N-Channel Switch
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
N-Channel Switch
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
N-Channel Switch
October-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com