Electronic Components Datasheet Search
  English  ▼

X  

GS9062 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS9062
Description  GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS9062 Datasheet HTML 7Page - Gennum Corporation GS9062 Datasheet HTML 8Page - Gennum Corporation GS9062 Datasheet HTML 9Page - Gennum Corporation GS9062 Datasheet HTML 10Page - Gennum Corporation GS9062 Datasheet HTML 11Page - Gennum Corporation GS9062 Datasheet HTML 12Page - Gennum Corporation GS9062 Datasheet HTML 13Page - Gennum Corporation GS9062 Datasheet HTML 14Page - Gennum Corporation GS9062 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
GS9062 Data Sheet
22209 - 5
May 2005
11 of 46
67
DETECT_TRS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select the timing mode of the device.
When set HIGH, the device will lock the internal flywheel to the
embedded TRS timing signals in the parallel input data.
When set LOW, the device will lock the internal flywheel to the
externally supplied H, V, and F input signals.
69
PCLK
–
Input
PARALLEL DATA BUS CLOCK
Signal levels are LVCMOS/LVTTL compatible.
SD 20-bit mode
PCLK = 13.5MHz
SD 10-bit mode
PCLK = 27MHz
72
LOCKED
Synchronous
with PCLK
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS / LVTTL compatible.
The LOCKED signal will be HIGH whenever the device has
correctly received and locked to SMPTE compliant data in
SMPTE mode or DVB-ASI compliant data in DVB-ASI mode.
It will be LOW otherwise.
73, 74
VCO, VCO
Analog
Input
Differential inputs for the external VCO reference signal. For
single ended devices such as the GO1525, VCO should be AC
coupled to VCO_GND.
75
VCO_GND
–
Output Power
Ground reference for the external voltage controlled oscillator.
Connect to pins 2, 4, 6, and 8 of the GO1525. This pin is an
output.
Should be isolated from all other grounds.
76
VCO_VCC
–
Output Power
Power supply for the external voltage controlled oscillator.
Connect to pin 5 of the GO1525. This pin is an output.
Should be isolated from all other power supplies.
77
LF
Analog
Output
Control voltage to external voltage controlled oscillator. Nominally
+1.25V DC.
78
CP_CAP
Analog
Input
PLL lock time constant capacitor connection. Normally connected
to VCO_GND through 2.2nF.
79
LB_CONT
Analog
Input
Control voltage to set the loop bandwidth of the integrated
reclocker.
80
CP_GND
–
Power
Ground connection for the charge pump. Connect to analog
GND.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com