Electronic Components Datasheet Search
  English  ▼

X  

GS9062 Datasheet(PDF) 39 Page - Gennum Corporation

Part # GS9062
Description  GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 39 Page - Gennum Corporation

Back Button GS9062 Datasheet HTML 35Page - Gennum Corporation GS9062 Datasheet HTML 36Page - Gennum Corporation GS9062 Datasheet HTML 37Page - Gennum Corporation GS9062 Datasheet HTML 38Page - Gennum Corporation GS9062 Datasheet HTML 39Page - Gennum Corporation GS9062 Datasheet HTML 40Page - Gennum Corporation GS9062 Datasheet HTML 41Page - Gennum Corporation GS9062 Datasheet HTML 42Page - Gennum Corporation GS9062 Datasheet HTML 43Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
GS9062 Data Sheet
22209 - 5
May 2005
39 of 46
3.10.3 Configuration and Status Registers
Table 3-11 summarizes the GS9062's internal status and configuration registers.
All of these registers are available to the host via the GSPI and are all individually
addressable.
Where status registers contain less than the full 16 bits of information however, two
or more registers may be combined at a single logical address.
3.11 JTAG
When the JTAG/HOST input pin of the GS9062 is set HIGH, the host interface port
will be configured for JTAG test operation. In this mode, pins 27 through 30
become TMS, TDO, TDI, and TCK. In addition, the RESET_TRST pin will operate
as the test reset pin.
Boundary scan testing using the JTAG interface will be enabled in this mode.
There are two methods in which JTAG can be used on the GS9062:
1. As a stand-alone JTAG interface to be used at in-circuit ATE (Automatic Test
Equipment) during PCB assembly; or
2. Under control of the host for applications such as system power on self tests.
When the JTAG tests are applied by ATE, care must be taken to disable any other
devices driving the digital I/O pins. If the tests are to be applied only at ATE, this
can be accomplished with tri-state buffers used in conjunction with the
JTAG/HOST input signal. This is shown in Figure 3-10.
Table 3-11: GS9062 Internal Registers
Address
Register Name
See Section
00h
IOPROC_DISABLE
Section 3.6.3
02h
EDH_FLAG
Section 3.6.3.3
04h
VIDEO_STANDARD
Section 3.6.2
0Ah - 0Bh
VIDEO_FORMAT
Section 3.6.3.1
0Eh - 11h
RASTER_STRUCTURE
Section 3.6.2
12h - 19h
EDH_CALC_RANGES
Section 3.6.3.3
1Bh - 1Ch
LINE_352M
Section 3.6.3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com