Electronic Components Datasheet Search
  English  ▼

X  

GS9062 Datasheet(PDF) 16 Page - Gennum Corporation

Part # GS9062
Description  GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 16 Page - Gennum Corporation

Back Button GS9062 Datasheet HTML 12Page - Gennum Corporation GS9062 Datasheet HTML 13Page - Gennum Corporation GS9062 Datasheet HTML 14Page - Gennum Corporation GS9062 Datasheet HTML 15Page - Gennum Corporation GS9062 Datasheet HTML 16Page - Gennum Corporation GS9062 Datasheet HTML 17Page - Gennum Corporation GS9062 Datasheet HTML 18Page - Gennum Corporation GS9062 Datasheet HTML 19Page - Gennum Corporation GS9062 Datasheet HTML 20Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
GS9062 Data Sheet
22209 - 5
May 2005
16 of 46
2.5 Input/Output Circuits
All resistors in ohms, all capacitors in farads, unless otherwise shown.
Figure 2-3: Serial Digital Output
Figure 2-4: VCO Control Output & PLL Lock Time Capacitor
Figure 2-5: PCLK Input
SDO
SDO
300
CP_CAP
LF
VDD
42K
63K
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com