Electronic Components Datasheet Search
  English  ▼

X  

MIW1237 Datasheet(PDF) 3 Page - Total Power International

Part # MIW1237
Description  2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW1237 Datasheet(HTML) 3 Page - Total Power International

  MIW1237 Datasheet HTML 1Page - Total Power International MIW1237 Datasheet HTML 2Page - Total Power International MIW1237 Datasheet HTML 3Page - Total Power International MIW1237 Datasheet HTML 4Page - Total Power International MIW1237 Datasheet HTML 5Page - Total Power International MIW1237 Datasheet HTML 6Page - Total Power International MIW1237 Datasheet HTML 7Page - Total Power International MIW1237 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K Hours
---
---
1000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
450
300
200
Switching Frequency
pF
500
350
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Test Voltage
VDC
---
---
1500
60 Seconds
Isolation Voltage
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{6
{3
---
Transient Response Deviation
uS
500
300
---
50% Load Step Change
Transient Recovery Time
%
---
---
120
Over Power Protection
mV rms.
15
---
---
Ripple & Noise (20MHz)
mV P-P
75
---
---
Over Line,Load & Temp
Ripple & Noise (20MHz)
mV P-P
50
25
---
Ripple & Noise (20MHz)
%
{0.5
{0.2
---
Io=10% to 100%
Load Regulation
%
{0.5
{0.2
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output Balance Load
Output Voltage Balance
%
{1.0
{0.5
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Pi Filter
Input Filter
mW
2000
1000
---
Short Circuit Input Power
A
1
---
---
All Models
Reverse Polarity Input Current
34
22
---
48V Input Models
17
11
---
24V Input Models
8.5
6.5
---
12V Input Models
Under Voltage Shortdown
36
24
16
48V Input Models
18
12
8
24V Input Models
VDC
9
7
4.5
12V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
Note: # For each output .
uF
1000
1000
1000
4000
4000
4000
4000
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
MIW1200 Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com