Electronic Components Datasheet Search
  English  ▼

X  

MIW1237 Datasheet(PDF) 4 Page - Total Power International

Part # MIW1237
Description  2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW1237 Datasheet(HTML) 4 Page - Total Power International

  MIW1237 Datasheet HTML 1Page - Total Power International MIW1237 Datasheet HTML 2Page - Total Power International MIW1237 Datasheet HTML 3Page - Total Power International MIW1237 Datasheet HTML 4Page - Total Power International MIW1237 Datasheet HTML 5Page - Total Power International MIW1237 Datasheet HTML 6Page - Total Power International MIW1237 Datasheet HTML 7Page - Total Power International MIW1237 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
135mA Slow - Blow Type
350mA Slow - Blow Type
700mA Slow - Blow Type
48V Input Models
24V Input Models
12V Input Models
Input Fuse Selection Guide
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
12VDC Input Models
Input Voltage Transient Rating
MIW1200 Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com