Electronic Components Datasheet Search
  English  ▼

X  

MIW1237 Datasheet(PDF) 1 Page - Total Power International

Part # MIW1237
Description  2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW1237 Datasheet(HTML) 1 Page - Total Power International

  MIW1237 Datasheet HTML 1Page - Total Power International MIW1237 Datasheet HTML 2Page - Total Power International MIW1237 Datasheet HTML 3Page - Total Power International MIW1237 Datasheet HTML 4Page - Total Power International MIW1237 Datasheet HTML 5Page - Total Power International MIW1237 Datasheet HTML 6Page - Total Power International MIW1237 Datasheet HTML 7Page - Total Power International MIW1237 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Output
+Vo
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
Single Output
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
Block Diagram
Wide Range
2:1
EN55022
EMI
I/O Isolation
1500
VDC
Low Cost
$
MIW1200-Series power modules are low-profile
dc-dc converters that operate over input voltage ranges of
9-18VDC, 18-36VDC and 36-75VDC and provide precisely
regulated output voltages of 5V, 12V, 15V, {12V and {15V.
The -25] to +71] operating temperature range makes it ideal
for data communication equipments, mobile battery driven
equipments, distributed power systems, telecommunication
equipments, mixed analog/digital subsystems, process/machine
control equipments, computer peripheral systems and industrial robot
systems.
The modules have a maximum power rating of 3W and a typical
full-load efficiency of 86%, continuous short circuit, 60mA output
ripple, EN55022 level A conducted noise compliance minimize
design-in time, cost and eliminate the need for external components.
MTBF > 1,000,000 Hours
EMI Complies With EN55022 Class A
Short Circuit Protection
SMT Technology
Industry Standard Pinout
I/O Isolation 1500VDC
2:1 Input Range
High Efficiency up to 86%
Key Features
2 〜 3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1200 Series
TOTAL POWER INT'L


Similar Part No. - MIW1237

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1237 MINMAX-MIW1237 Datasheet
235Kb / 8P
2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results

Similar Description - MIW1237

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
15 Watts 2 :1 Wide Input Range DC/DC Converters
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW2000 TOTAL-POWER-MIW2000 Datasheet
274Kb / 8P
3-4 Watts 4 :1 Wide Input Range DC/DC Converters
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com