Electronic Components Datasheet Search
  English  ▼

X  

GLHPD Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # GLHPD
Description  Combination Antenna - GNSS, 5G Cellular and WiFi
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GLHPD Datasheet(HTML) 2 Page - PCTEL, Inc.

  GLHPD Datasheet HTML 1Page - PCTEL, Inc. GLHPD Datasheet HTML 2Page - PCTEL, Inc. GLHPD Datasheet HTML 3Page - PCTEL, Inc. GLHPD Datasheet HTML 4Page - PCTEL, Inc. GLHPD Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Trooper™ Multiband 5G Cellular and
802.11ac Antennas with High Rejection
GPS/GLONASS
Combination Antenna - GNSS, 5G Cellular and WiFi
Trooper™ Multiband 5G Cellular and 802.11ac
Antennas with High Rejection GPS/GLONASS
Combination Antenna - GNSS, 5G Cellular and WiFi
The Trooper™ GLHPD antenna platform supports the high speed requirements of complex RF
communication systems used for Intelligent Transportation Systems (ITS), and IIoT applications.
Its compact footprint makes this antenna platform ideal for installation on surfaces with limited
surface space, including leading public safety vehicle rooftops and Industrial IoT (IIoT) cabinet
installations. These antennas feature two 5G elements compatible with the world’s leading cellular
routers supporting 600 MHz to 6 GHz frequencies. In addition, PCTEL’s proprietary high-rejection
multi-GNSS technology is included for high precision tracking and asset management.
Features
• No tune, multiband coverage – Dual LTE, 802.11ac WiFi and GPS L1/GLONASS frequencies
• Superior out-of-band rejection via proprietary filtering design
• Metal 3/4-inch stud mount with slotted jam nut provides single cable exit for easy installation and/or replacement
• IP67 compliant design provides maximum protection against water or dust ingress under severe environmental conditions1
• UV-resistant black or white housing options complement most vehicular aesthetic requirements
• Meets AAR certification requirements for rail applications
Certifications
2
SPECIFICATIONS
> pctel.com/antenna-products
> pctel.com/antenna-products
1
When installed according to PCTEL’s installation instructions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com