Electronic Components Datasheet Search
  English  ▼

X  

GLHPD Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # GLHPD
Description  Combination Antenna - GNSS, 5G Cellular and WiFi
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GLHPD Datasheet(HTML) 3 Page - PCTEL, Inc.

  GLHPD Datasheet HTML 1Page - PCTEL, Inc. GLHPD Datasheet HTML 2Page - PCTEL, Inc. GLHPD Datasheet HTML 3Page - PCTEL, Inc. GLHPD Datasheet HTML 4Page - PCTEL, Inc. GLHPD Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Trooper™ Multiband 5G Cellular and
802.11ac Antennas with High Rejection
GPS/GLONASS
Combination Antenna - GNSS, 5G Cellular and WiFi
3
SPECIFICATIONS
> pctel.com/antenna-products
Standard Configurations
Model
Elements Cable
Connector2
Mount
Housing Color
GLHPDLTE-LTB
LTE (2)
GNSS (1)
Two-17 feet Pro-Flex™ Plus 195 (LTE)
One-17 feet RG-174/U (GNSS)
SMA Plug (LTE)
SMA Plug (GNSS)
1-inch (25.4 mm)
hole, 3/4-inch
long (19.05 mm)
zinc stud mount
with jam nut
Black
GLHPDLTE-LTW
LTE (2)
GNSS (1)
Two-17 feet Pro-Flex Plus 195 (LTE)
One-17 feet RG-174/U (GNSS)
SMA Plug (LTE)
SMA Plug (GNSS)
White
GLHPDLTEMIMO-LTB
LTE (2)
GNSS (1)
Two-17 feet Pro-Flex Plus 195 (LTE)
Two-17 feet Pro-Flex Plus 195 (802.11ac WiFi)
One-17 feet RG-174/U (GNSS)
SMA Plug (LTE)
Reverse Polarity SMA Plug (WiFi)
SMA Plug (GNSS)
Black
GLHPDLTEMIMO-LTW
LTE (2)
WiFi (2)
GNSS (1)
Two-17 feet Pro-Flex Plus 195 (LTE)
Two-17 feet Pro-Flex Plus 195 (802.11ac WiFi)
One-17 feet RG-174/U (GNSS)
SMA Plug (LTE)
Reverse Polarity SMA Plug (WiFi)
SMA Plug (GNSS)
White
GLHPDM3-LTB
LTE (2)
WiFi (3)
GNSS (1)
Two-17 feet Pro-Flex Plus 195 (LTE)
Three-17 feet Pro-Flex Plus 195 (802.11ac WiFi)
One-17 feet RG-174/U (GNSS)
SMA Plug (LTE)
Reverse Polarity SMA Plug (WiFi)
SMA Plug (GNSS)
Black
GLHPDM3-LTW
LTE (2)
WiFi (3)
GNSS (1)
Two-17 feet Pro-Flex Plus 195 (LTE)
Three-17 feet Pro-Flex Plus 195 (802.11ac WiFi)
One-17 feet RG-174/U (GNSS)
SMA Plug (LTE)
Reverse Polarity SMA Plug (WiFi)
SMA Plug (GNSS)
White
Electrical Specifications – RF Antennas
F1
(MHz)
F2
(MHz)
SWR3
Gain (dB)3
Efficiency3
Polarization
Nominal
Impedance
Maximum
Power
Max Typical Range (±)
Avg
Range (±)
LTE Primary Port 1 & 2
617
698
2.2
4.0
2.2
1.8
54%
19%
Linear
50 ohms
50 watts
698
802
1.4
5.0
4.0
0.9
68%
5%
824
960
2.7
5.5
4.3
1.2
61%
5%
1710
2200
1.7
6.5
5.5
0.9
78%
3%
2300
2690
1.6
8.8
6.8
1.9
78%
4%
3400
3800
1.9
6.8
6.1
0.7
73%
3%
5150
5950
2.2
10.1
8.6
1.5
81%
13%
WiFi Port 3
2400
2500
1.2
9.4
9.0
0.4
81%
3%
Linear
50 ohms
50 watts
4900
5900
1.4
9.4
8.9
0.5
70%
12%
1
When installed according to PCTEL’s installation instructions.
2
Consult Customer Service for other connector options.
3
Measurements taken with 3-ft cables on a 2-ft ground plane.
Minimum Isolation (dB)3
LTE Primary (1 & 2)
WiFi (3)
LTE Primary (1 & 2)
690 - 960 MHz
9.0
698 - 960 MHz
20.0
1.71 - 2.7 GHz
15.0
1.71 - 2.7 GHz
17.0
3.3 - 5.9 GHz
32.0
3.3 - 5.9 GHz
35.0
WiFi (3)
2.4 - 2.5 GHz
21.0
4.9 - 5.9 GHz
27.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com