Electronic Components Datasheet Search
  English  ▼

X  

GLHPD Datasheet(PDF) 4 Page - PCTEL, Inc.

Part # GLHPD
Description  Combination Antenna - GNSS, 5G Cellular and WiFi
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GLHPD Datasheet(HTML) 4 Page - PCTEL, Inc.

  GLHPD Datasheet HTML 1Page - PCTEL, Inc. GLHPD Datasheet HTML 2Page - PCTEL, Inc. GLHPD Datasheet HTML 3Page - PCTEL, Inc. GLHPD Datasheet HTML 4Page - PCTEL, Inc. GLHPD Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Trooper™ Multiband 5G Cellular and
802.11ac Antennas with High Rejection
GPS/GLONASS
Combination Antenna - GNSS, 5G Cellular and WiFi
4
SPECIFICATIONS
> pctel.com/antenna-products
Mechanical Specifications
Physical
Dimensions (W x H)
4.05 W x 3.46 H inches (10.3 x 8.8 cm)
Weight
3-Port Models
GLHPDLTE-LTB
GLHPDLTE-LTW
2.3 lbs (36.8 oz)
5-Port Models
GLHPDLTEMIMO-LTB
GLHPDLTEMIMO-LTW
2.9 lbs (46.4 oz)
6-Port Models
GLHPDM3-LTB
GLHPDM3-LTW
3.1 lbs (49.6 oz)
Radome Construction
UV-Stable Rugged Thermoplastics
Operating / Storage Temperature
-40°C to +85°C
Gasket Design & Construction
Contour matching, conformable, thermoplastic-elastomer gasket designed to seal between
radome and baseplate. Gasket flexes and conforms to contoured surfaces. Baseplate has a 3M®
VHB mounting pad for anti-rotation.
Electrical Specifications – GNSS Antenna
Frequency Range
1565 - 1608 MHz
Amplifier Gain
@ 3.0 VDC: 26 dB (typical)
Output VSWR
2.0:1 (maximum)
DC Current
25 mA (typical)
DC Voltage
2.8 - 6.0 V (operating)
≤ 12.0 V (survivability)
Noise Figure
< 2.0 dB (typical)
Out-of-Band Rejection
f0 = 1586 MHz /
f0 ± 50 MHz: ≥ 60 dBc /
f0 ± 60 MHz: ≥ 70 dBc
Nominal Gain
3 dBic @ 90°
-2 dBic @ 20°
Polarization
Right hand circular
Nominal Impedance
50 ohms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com