Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 36Page - Texas Instruments CC1310 Datasheet HTML 37Page - Texas Instruments CC1310 Datasheet HTML 38Page - Texas Instruments CC1310 Datasheet HTML 39Page - Texas Instruments CC1310 Datasheet HTML 40Page - Texas Instruments CC1310 Datasheet HTML 41Page - Texas Instruments CC1310 Datasheet HTML 42Page - Texas Instruments CC1310 Datasheet HTML 43Page - Texas Instruments CC1310 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
9.12 Power Management
To minimize power consumption, the CC2642R-Q1 supports a number of power modes and power management
features (see Table 9-1).
Table 9-1. Power Modes
MODE
SOFTWARE CONFIGURABLE POWER MODES
RESET PIN
HELD
ACTIVE
IDLE
STANDBY
SHUTDOWN
CPU
Active
Off
Off
Off
Off
Flash
On
Available
Off
Off
Off
SRAM
On
On
Retention
Off
Off
Radio
Available
Available
Off
Off
Off
Supply System
On
On
Duty Cycled
Off
Off
Register and CPU retention
Full
Full
Partial
No
No
SRAM retention
Full
Full
Full
No
No
48 MHz high-speed clock
(SCLK_HF)
XOSC_HF or
RCOSC_HF
XOSC_HF or
RCOSC_HF
Off
Off
Off
2 MHz medium-speed clock
(SCLK_MF)
RCOSC_MF
RCOSC_MF
Available
Off
Off
32 kHz low-speed clock
(SCLK_LF)
XOSC_LF or
RCOSC_LF
XOSC_LF or
RCOSC_LF
XOSC_LF or
RCOSC_LF
Off
Off
Peripherals
Available
Available
Off
Off
Off
Sensor Controller
Available
Available
Available
Off
Off
Wake-up on RTC
Available
Available
Available
Off
Off
Wake-up on pin edge
Available
Available
Available
Available
Off
Wake-up on reset pin
On
On
On
On
On
Brownout detector (BOD)
On
On
Duty Cycled
Off
Off
Power-on reset (POR)
On
On
On
Off
Off
Watchdog timer (WDT)
Available
Available
Paused
Off
Off
In Active mode, the application system CPU is actively executing code. Active mode provides normal operation
of the CPU and all of the peripherals that are currently enabled. The system clock can be any available clock
source (see Table 9-1).
In Idle mode, all active peripherals can be clocked, but the Application CPU core and memory are not clocked
and no code is executed. Any interrupt event brings the processor back into active mode.
In Standby mode, only the always-on (AON) domain is active. An external wake-up event, RTC event, or Sensor
Controller event is required to bring the device back to active mode. MCU peripherals with retention do not need
to be reconfigured when waking up again, and the CPU continues execution from where it went into standby
mode. All GPIOs are latched in standby mode.
In Shutdown mode, the device is entirely turned off (including the AON domain and Sensor Controller), and
the I/Os are latched with the value they had before entering shutdown mode. A change of state on any I/O
pin defined as a wake from shutdown pin wakes up the device and functions as a reset trigger. The CPU can
differentiate between reset in this way and reset-by-reset pin or power-on reset by reading the reset status
register. The only state retained in this mode is the latched I/O state and the flash memory contents.
CC2642R-Q1
SWRS229B – JANUARY 2020 – REVISED JUNE 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2642R-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com