Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 12Page - Texas Instruments CC1310 Datasheet HTML 13Page - Texas Instruments CC1310 Datasheet HTML 14Page - Texas Instruments CC1310 Datasheet HTML 15Page - Texas Instruments CC1310 Datasheet HTML 16Page - Texas Instruments CC1310 Datasheet HTML 17Page - Texas Instruments CC1310 Datasheet HTML 18Page - Texas Instruments CC1310 Datasheet HTML 19Page - Texas Instruments CC1310 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
8.11.3 Clock Specifications
8.11.3.1 48 MHz Crystal Oscillator (XOSC_HF)
Measured on the CC26x2REM-7ID-Q1 reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.(1)
PARAMETER
MIN
TYP
MAX
UNIT
Crystal frequency
48
MHz
ESR
Equivalent series resistance
6 pF < CL ≤ 9 pF
20
60
Ω
ESR
Equivalent series resistance
5 pF < CL ≤ 6 pF
80
Ω
LM
Motional inductance, relates to the load capacitance that is used for the crystal (CL
in Farads)(5)
< 0.3 × 10–24 / CL 2
H
CL
Crystal load capacitance(4)
5
7(3)
9
pF
Start-up time(2)
200
µs
(1)
Probing or otherwise stopping the crystal while the DC/DC converter is enabled may cause permanent damage to the device.
(2)
Start-up time using the TI-provided power driver. Start-up time may increase if driver is not used.
(3)
On-chip default connected capacitance including reference design parasitic capacitance. Connected internal capacitance is changed
through software in the Customer Configuration section (CCFG).
(4)
Adjustable load capacitance is integrated within the device.
(5)
The crystal manufacturer's specification must satisfy this requirement for proper operation.
8.11.3.2 48 MHz RC Oscillator (RCOSC_HF)
Measured on the CC26x2REM-7ID-Q1 reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Frequency
48
MHz
Uncalibrated frequency accuracy
±1
%
Calibrated frequency accuracy(1)
±0.25
%
Start-up time
5
µs
(1)
Accuracy relative to the calibration source (XOSC_HF)
8.11.3.3 2 MHz RC Oscillator (RCOSC_MF)
Measured on the CC26x2REM-7ID-Q1 reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Calibrated frequency
2
MHz
Start-up time
5
µs
8.11.3.4 32.768 kHz Crystal Oscillator (XOSC_LF)
Measured on the CC26x2REM-7ID-Q1 reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
ESR
Equivalent series resistance
30
100
kΩ
CL
Crystal load capacitance
6
7(1)
12
pF
(1)
Default load capacitance using TI reference designs including parasitic capacitance. Crystals with different load capacitance may be
used.
CC2642R-Q1
SWRS229B – JANUARY 2020 – REVISED JUNE 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2642R-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com