Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 25Page - Texas Instruments CC1310 Datasheet HTML 26Page - Texas Instruments CC1310 Datasheet HTML 27Page - Texas Instruments CC1310 Datasheet HTML 28Page - Texas Instruments CC1310 Datasheet HTML 29Page - Texas Instruments CC1310 Datasheet HTML 30Page - Texas Instruments CC1310 Datasheet HTML 31Page - Texas Instruments CC1310 Datasheet HTML 32Page - Texas Instruments CC1310 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
8.13.3 TX Current
Temperature [oC]
-40
-25
-10
5
20
35
50
65
80
95
105
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
9
Figure 8-9. TX Current vs. Temperature (BLE 1
Mbps, 2.44 GHz, 0 dBm)
Voltage [V]
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
11
11.5
12
Figure 8-10. TX Current vs. Supply Voltage (VDDS)
(BLE 1 Mbps, 2.44 GHz, 0 dBm)
Table 8-1 shows typical TX current and output power for different output power settings.
Table 8-1. Typical TX Current and Output Power
CC2642R-Q1 at 2.4 GHz, VDDS = 3.0 V (Measured on CC2652REM-7ID-Q1)
txPower
TX Power Setting (SmartRF Studio)
Typical Output Power [dBm]
Typical Current Consumption [mA]
0x7217
5
5.4
9.4
0x4E63
4
4.1
8.5
0x385D
3
3.0
8.1
0x3259
2
1.9
7.5
0x2856
1
1.0
7.1
0x2853
0
-0.4
6.5
0x12D6
-5
-5.4
5.7
0x0ACF
-10
-10.4
5.2
0x06CA
-15
-15.2
4.8
0x04C6
-20
-20.6
4.6
www.ti.com
CC2642R-Q1
SWRS229B – JANUARY 2020 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: CC2642R-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com