Electronic Components Datasheet Search
  English  ▼

X  

QPD1013 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPD1013
Description  150W, 65V, DC – 2.7 GHz, GaN RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1013 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPD1013 Datasheet HTML 9Page - Qorvo, Inc QPD1013 Datasheet HTML 10Page - Qorvo, Inc QPD1013 Datasheet HTML 11Page - Qorvo, Inc QPD1013 Datasheet HTML 12Page - Qorvo, Inc QPD1013 Datasheet HTML 13Page - Qorvo, Inc QPD1013 Datasheet HTML 14Page - Qorvo, Inc QPD1013 Datasheet HTML 15Page - Qorvo, Inc QPD1013 Datasheet HTML 16Page - Qorvo, Inc QPD1013 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
QPD1013
150W, 65V, DC
– 2.7 GHz, GaN RF Transistor
Rev. A
- 13 of 25 -
Disclaimer: Subject to change without notice
© 2017 Qorvo
www.qorvo.com
Typical Performance
– Load Pull Drive-up
Notes:
1.
Pulsed signal with 100 us pulse width and 10 % duty cycle, Vd = 65 V, IDQ = 240 mA
2.
See page 20 for load pull and source pull reference planes where the performance was measured.
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
18
19
20
21
22
23
24
25
26
27
28
Output Power [dBm]
Gain and PAE vs. Output Power
1.2 GHz - Power Tuned
Zs-fo = 1.88-1.36i
Zs-2fo = 17.62-26.72i
Zs-3fo = 1.69-6.56i
Zl-fo = 7.642+0.908i
Zl-2fo = 1.63+3.48i
Zl-3fo = NaN
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
20
21
22
23
24
25
26
27
28
29
30
Output Power [dBm]
Gain and PAE vs. Output Power
1.2 GHz - Efficiency Tuned
Zs-fo = 1.88-1.36i
Zs-2fo = 17.62-26.72i
Zs-3fo = 1.69-6.56i
Zl-fo = 5.263+6.184i
Zl-2fo = 1.63+3.48i
Zl-3fo = NaN
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
18
19
20
21
22
23
24
25
26
27
28
Output Power [dBm]
Gain and PAE vs. Output Power
1.5 GHz - Power Tuned
Zs-fo = 1.57-2.55i
Zs-2fo = 6.9-13.31i
Zs-3fo = 1.75-1.83i
Zl-fo = 5.674+0.03i
Zl-2fo = 1.38+1.68i
Zl-3fo = NaN
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
20
21
22
23
24
25
26
27
28
29
30
Output Power [dBm]
Gain and PAE vs. Output Power
1.5 GHz - Efficiency Tuned
Zs-fo = 1.57-2.55i
Zs-2fo = 6.9-13.31i
Zs-3fo = 1.75-1.83i
Zl-fo = 3.515+4.24i
Zl-2fo = 1.38+1.68i
Zl-3fo = NaN
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
16
17
18
19
20
21
22
23
24
25
26
Output Power [dBm]
Gain and PAE vs. Output Power
1.8 GHz - Power Tuned
Zs-fo = 1.51-4.57i
Zs-2fo = 8.83-18i
Zs-3fo = 5.12-14.19i
Zl-fo = 4.981-1.73i
Zl-2fo = 2.18-1.76i
Zl-3fo = NaN
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
16
17
18
19
20
21
22
23
24
25
26
Output Power [dBm]
Gain and PAE vs. Output Power
1.8 GHz - Efficiency Tuned
Zs-fo = 1.51-4.57i
Zs-2fo = 8.83-18i
Zs-3fo = 5.12-14.19i
Zl-fo = 3.417+1.789i
Zl-2fo = 2.18-1.76i
Zl-3fo = NaN
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com