Electronic Components Datasheet Search
  English  ▼

X  

QPD1013 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPD1013
Description  150W, 65V, DC – 2.7 GHz, GaN RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1013 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPD1013 Datasheet HTML 1Page - Qorvo, Inc QPD1013 Datasheet HTML 2Page - Qorvo, Inc QPD1013 Datasheet HTML 3Page - Qorvo, Inc QPD1013 Datasheet HTML 4Page - Qorvo, Inc QPD1013 Datasheet HTML 5Page - Qorvo, Inc QPD1013 Datasheet HTML 6Page - Qorvo, Inc QPD1013 Datasheet HTML 7Page - Qorvo, Inc QPD1013 Datasheet HTML 8Page - Qorvo, Inc QPD1013 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
QPD1013
150W, 65V, DC
– 2.7 GHz, GaN RF Transistor
Rev. A
- 2 of 25 -
Disclaimer: Subject to change without notice
© 2017 Qorvo
www.qorvo.com
Absolute Maximum Ratings2
Parameter
Rating
Units
Breakdown Voltage,BVDG
225
V
Gate Voltage Range, VG
-8 to +2
V
Drain Current, ID
9
A
Gate Current Range, IG1
19.2
mA
Power Dissipation, CW, PDISS
74
W
RF Input Power at 1.6 GHz
, CW, 50 Ω, T = 25 °C
+39
dBm
Channel Temperature, TCH
275
°C
Mounting Temperature (30 Seconds)
320 
°C
Storage Temperature
−65 to +150
°C
Notes:
1.
At Channel temperature of 200°C.
2.
Operation of this device outside the parameter ranges given above may cause permanent damage.
Recommended Operating Conditions1
Parameter
Min
Typ
Max
Units
Operating Temp. Range
−40
+25
+85
 °C
Drain Voltage Range, VD
–
+65
+70
V
Drain Bias Current, IDQ
–
240
–
mA
Drain Current, ID
–
1.7
–
A
Gate Voltage, VG 4
–
−2.8
–
V
Channel Temperature (TCH)
–
–
250
°C
Power Dissipation, CW (PD)2
–
–
67.0
W
Power Dissipation, Pulsed (PD)2, 3
–
–
120.0
W
Notes:
1. Electrical performance is measured under conditions noted in the electrical specifications table. Specifications are not
guaranteed over all recommended operating conditions.
2. Back plane of package at 85 °C
3. Pulse Width = 100 us, Duty Cycle = 10%
4. To be adjusted to desired IDQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com